전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM27C512V150 데이터시트(PDF) 9 Page - Fairchild Semiconductor

부품명 FM27C512V150
상세설명  524,288-Bit (64K x 8) High Performance CMOS EPROM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FM27C512V150 데이터시트(HTML) 9 Page - Fairchild Semiconductor

Back Button FM27C512V150 Datasheet HTML 2Page - Fairchild Semiconductor FM27C512V150 Datasheet HTML 3Page - Fairchild Semiconductor FM27C512V150 Datasheet HTML 4Page - Fairchild Semiconductor FM27C512V150 Datasheet HTML 5Page - Fairchild Semiconductor FM27C512V150 Datasheet HTML 6Page - Fairchild Semiconductor FM27C512V150 Datasheet HTML 7Page - Fairchild Semiconductor FM27C512V150 Datasheet HTML 8Page - Fairchild Semiconductor FM27C512V150 Datasheet HTML 9Page - Fairchild Semiconductor FM27C512V150 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
9
www.fairchildsemi.com
www.fairchildsemi.com
FM27C512
UV Window Cavity Dual-In-Line Cerdip Package (JQ)
Order Number FM27C512Q
Package Number J28CQ
Physical Dimensions inches (millimeters) unless otherwise noted
28-Lead Plastic One-Time-Programmable Dual-In-Line
Order Number FM27C512N
Package Number N28B
0.008-0.012
[0.203-0.305]
TYP
0.090-0.110
[2.286-2.794]
TYP
0.060-0.100
[1.524-2.540]
TYP
0.015-0.021
[0.381-0.533]
TYP
0.033-0.045
[0.838-1.143]
TYP
0.225 [5.715]
MAX TYP
0.125 [3.175]
MIN TYP
GLASS
SEALANT
15
14
28
1
R 0.025
[0.635]
0.290-0.310
[7.366-7.874]
U.V. WINDOW
R 0.030-0.055
[0.762-1.397]
TYP
0.515-0.530
[13.081-13.462]
1.465 MAX
[37.211]
0.050-0.060
[1.270-1.524]
TYP
0.180 [4.572]
MAX
0.010 [0.254]
MAX
0.015-0.060
[0.381-1.524]
TYP
86
°-94°
TYP
0.590-0.620
[14.99-15.75]
0.685
+0.025
-0.060
[17.399
]
+0.635
-1.524
90
°-100°
TYP
0.625
+0.025
-0.015
0.008-0.015
(0.229-0.381)
15.88
+0.635
-0.381
0.580
(14.73)
95
° ±5°
0.600 - 0.620
(15.24 - 15.75)
0.030
(0.762)
Max
(
(
0.108
±0.010
(2.540
±0.254)
0.018
±0.003
(0.457
±0.076)
0.20
(0.508)
0.125-0.145
(3.175-3.583)
0.125-0.165
(3.175-4.191)
0.050
(1.270)
Typ
0.053 - 0.069
(1.346 - 1.753)
0.050
±0.015
(1.270
±0.381)
Min
88
° 94°
Typ
12 3 4
28 27 26 25
1.393 - 1.420
(35.38 - 36.07)
0.510
±0.005
(12.95
±0.127)
0.062
(1.575)
Pin #1
IDENT
5
24
6
23 22 21 20 19 18 17 16
7
8 9 1011 1213 14
15
RAD


유사한 부품 번호 - FM27C512V150

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FM27C512V150 FAIRCHILD-FM27C512V150 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
More results

유사한 설명 - FM27C512V150

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
NM27C512 NSC-NM27C512 Datasheet
159Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
Fairchild Semiconductor
FM27C512 FAIRCHILD-FM27C512_01 Datasheet
97Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
NM27C512 FAIRCHILD-NM27C512 Datasheet
105Kb / 10P
   524,288-Bit (64K x 8) High Performance CMOS EPROM
logo
National Semiconductor ...
NM27P512 NSC-NM27P512 Datasheet
176Kb / 12P
   524,288-Bit (64K x 8) Processor Oriented CMOS EPROM
logo
Fairchild Semiconductor
NM27C210 FAIRCHILD-NM27C210 Datasheet
101Kb / 10P
   1,048,576-Bit (64K x 16) High Performance CMOS EPROM
logo
Macronix International
MX27L512 MCNIX-MX27L512 Datasheet
760Kb / 14P
   512K-BIT [64K x 8] CMOS EPROM
logo
NXP Semiconductors
27HC641 PHILIPS-27HC641 Datasheet
273Kb / 8P
   64K BIT CMOS EPROM (8K X 8)
November 12 1990
27C64A PHILIPS-27C64A Datasheet
528Kb / 14P
   64K-bit CMOS EPROM(8K x 8)
November 12 1990
logo
Cypress Semiconductor
CY27H512 CYPRESS-CY27H512 Datasheet
782Kb / 11P
   64K x 8 High-Speed CMOS EPROM
logo
Microchip Technology
27C64 MICROCHIP-27C64 Datasheet
126Kb / 10P
   64K (8K x 8) CMOS EPROM
2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com