전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRF9362PBF 데이터시트(PDF) 2 Page - International Rectifier

부품명 IRF9362PBF
상세설명  HEXFETPower MOSFET Industry-Standard SO-8 Package
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRF9362PBF 데이터시트(HTML) 2 Page - International Rectifier

  IRF9362PBF Datasheet HTML 1Page - International Rectifier IRF9362PBF Datasheet HTML 2Page - International Rectifier IRF9362PBF Datasheet HTML 3Page - International Rectifier IRF9362PBF Datasheet HTML 4Page - International Rectifier IRF9362PBF Datasheet HTML 5Page - International Rectifier IRF9362PBF Datasheet HTML 6Page - International Rectifier IRF9362PBF Datasheet HTML 7Page - International Rectifier IRF9362PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
IRF9362PbF
2
www.irf.com
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 4.6mH, RG = 25Ω, IAS = -6.4A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ When mounted on 1 inch square copper board.
… Rθ is measured at TJ of approximately 90°C.
† For DESIGN AID ONLY, not subject to production testing.
G
D
S
Static @ TJ = 25°C (unless otherwise specified)
Parameter
Min.
Typ.
Max.
Units
BVDSS
Drain-to-Source Breakdown Voltage
-30
–––
–––
V
∆ΒVDSS/∆TJ
Breakdown Voltage Temp. Coefficient
–––
0.021
–––
V/°C
RDS(on)
–––
17.0
21.0
–––
25.7
32.0
VGS(th)
Gate Threshold Voltage
-1.3
-1.8
-2.4
V
VDS = VGS, ID = -25µA
∆VGS(th)
Gate Threshold Voltage Coefficient
–––
-5.8
–––
mV/°C
IDSS
Drain-to-Source Leakage Current
–––
–––
-1.0
–––
–––
-150
IGSS
Gate-to-Source Forward Leakage
–––
–––
-100
Gate-to-Source Reverse Leakage
–––
–––
100
gfs
Forward Transconductance
12
–––
–––
S
Qg
Total Gate Charge
h
–––13–––
nC
VDS = -15V, VGS = -4.5V, ID = - 6.4A
Qg
Total Gate Charge
h
–––
26
39
Qgs
Gate-to-Source Charge
h
–––
3.8
–––
Qgd
Gate-to-Drain Charge
h
–––
6.3
–––
RG
Gate Resistance
h
–––17–––
td(on)
Turn-On Delay Time
–––
5.2
–––
tr
Rise Time
–––
5.9
–––
td(off)
Turn-Off Delay Time
–––
115
–––
tf
Fall Time
–––53–––
Ciss
Input Capacitance
–––
1300
–––
Coss
Output Capacitance
–––
250
–––
Crss
Reverse Transfer Capacitance
–––
170
–––
Avalanche Characteristics
Parameter
Units
EAS
Single Pulse Avalanche Energy
d
mJ
IAR
Avalanche Current
™
A
Diode Characteristics
Parameter
Min.
Typ.
Max.
Units
IS
Continuous Source Current
(Body Diode)
ISM
Pulsed Source Current
(Body Diode)
Ù
VSD
Diode Forward Voltage
–––
–––
-1.2
V
trr
Reverse Recovery Time
–––
32
48
ns
Qrr
Reverse Recovery Charge
–––
20
30
nC
Thermal Resistance
Parameter
Units
RθJL
Junction-to-Drain Lead
g
RθJA
Junction-to-Ambient
f
Conditions
See Figs. 19a & 19b
Max.
94
-6.4
ƒ = 1.0kHz
VGS = 0V
VDS = -25V
VDS = -24V, VGS = 0V
Conditions
VGS = 0V, ID = -250µA
Reference to 25°C, ID = -1mA
VGS = -10V, ID = -8.0A e
VGS = -4.5V, ID = -6.4A e
m
µA
TJ = 25°C, IF = -2.0A, VDD = -24V
di/dt = 100/µs
e
TJ = 25°C, IS = -2.0A, VGS = 0V e
showing the
integral reverse
p-n junction diode.
MOSFET symbol
ID = -6.4A
RG = 6.0Ω
VDS = -10V, ID = -6.4A
VDS = -24V, VGS = 0V, TJ = 125°C
VDD = -30V, VGS = -10V e
ID = -1.0A
VDS = -15V
VGS = -20V
VGS = 20V
VGS = -10V
ns
pF
–––
Typ.
–––
Static Drain-to-Source On-Resistance
A
–––
–––
–––
–––
-2.0
-64
nA
nC
°C/W
Max.
20
62.5
Typ.
–––
–––


유사한 부품 번호 - IRF9362PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRF9362PBF IRF-IRF9362PBF Datasheet
276Kb / 8P
   HEXFET Power MOSFET
IRF9362PBF IRF-IRF9362PBF Datasheet
292Kb / 8P
   Industry-Standard SO-8 Package
IRF9362PBF IRF-IRF9362PBF_15 Datasheet
292Kb / 8P
   Industry-Standard SO-8 Package
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com