전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM6T18CA 데이터시트(PDF) 3 Page - STMicroelectronics

부품명 SM6T18CA
상세설명  Transil
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SM6T18CA 데이터시트(HTML) 3 Page - STMicroelectronics

  SM6T18CA Datasheet HTML 1Page - STMicroelectronics SM6T18CA Datasheet HTML 2Page - STMicroelectronics SM6T18CA Datasheet HTML 3Page - STMicroelectronics SM6T18CA Datasheet HTML 4Page - STMicroelectronics SM6T18CA Datasheet HTML 5Page - STMicroelectronics SM6T18CA Datasheet HTML 6Page - STMicroelectronics SM6T18CA Datasheet HTML 7Page - STMicroelectronics SM6T18CA Datasheet HTML 8Page - STMicroelectronics SM6T18CA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SM6T
Characteristics
Doc ID 3082 Rev 9
3/10
Table 3.
Electrical characteristics, parameter values (Tamb = 25 °C)
Order code
IRM max@VRM
VBR @IR
(1)
VCL @IPP
10/1000 µs
RD
10/1000 µs
VCL @IPP
8/20 µs
RD
8/20 µs
αT (2)
25 °C 85 °C
min
typ
max
max
max
max
µA
V
V
mA
V(3)
A(4)
Ω
V(3) A(4)
Ω
10-4/ °C
SM6T6V8A/CA
20
50
5.8
6.45
6.8
7.14
10
10.5
57
0.059
13.4 298
0.021
5.7
SM6T7V5A/CA
20
50
6.4
7.13
7.5
7.88
10
11.3
53
0.065
14.5 276
0.024
6.1
SM6T10A/CA
20
50
8.55 9.5
10
10.5
1
14.5
41
0.098
18.6 215
0.038
7.3
SM6T12A/CA
0.2
1
10.2 11.4
12
12.6
1
16.7
36
0.114
21.7 184
0.049
7.8
SM6T15A/CA
0.2
1
12.8 14.3
15
15.8
1
21.2
28
0.193
27.2 147
0.078
8.4
SM6T18A/CA
0.2
1
15.3 17.1
18
18.9
1
25.2
24
0.263
32.5 123
0.111
8.8
SM6T22A/CA
0.2
1
18.8 20.9
22
23.1
1
30.6
20
0.375
39.3 102
0.159
9.2
SM6T24A/CA
0.2
1
20.5 22.8
24
25.2
1
33.2
18
0.444
42.8
93
0.189
9.4
SM6T27A/CA
0.2
1
23.1 25.7
27
28.4
1
37.5
16
0.569
48.3
83
0.240
9.6
SM6T30A/CA
0.2
1
25.6 28.5
30
31.5
1
41.5
14.5
0.690
53.5
75
0.293
9.7
SM6T33A/CA
0.2
1
28.2 31.4
33
34.7
1
45.7
13.1
0.840
59.0
68
0.357
9.8
SM6T36A/CA
0.2
1
30.8 34.2
36
37.8
1
49.9
12
1.01
64.3
62
0.427
9.9
SM6T39A/CA
0.2
1
33.3 37.1
39
41.0
1
53.9
11.1
1.16
69.7
57
0.504
10.0
SM6T56A/CA
0.2
1
47.6 53.2
56
58.8
1
76.6
7.8
2.28
100
40
1.030
10.0
SM6T68A/CA
0.2
1
58.1 64.6
68
71.4
1
92
6.5
3.17
121
33
1.503
10.4
SM6T75A/CA
0.2
1
64.1 71.3
75
78.8
1
103
5.8
4.17
134
30
1.84
10.5
SM6T100A/CA
0.2
1
85.5 95.0 100
105
1
137
4.4
7.27
178 22.5
3.24
10.6
SM6T150A/CA
0.2
1
128 143
150
158
1
207
2.9
16.9
265
15
7.13
10.8
SM6T200A/CA
0.2
1
171 190
200
210
1
274
2.2
29.1
353 11.3
12.7
10.8
SM6T220A/CA
0.2
1
188 209
220
231
1
328
2
48.5
388 10.3
15.2
10.8
1.
Pulse test : tp < 50 ms
2.
To calculate VBR versus junction temperature, use the following formula: VBR @ TJ = VBR @ 25°C x (1 + αT x (TJ – 25)).
3.
To calculate maximum clamping voltage at other surge level, use the following formula: VCL = RD x IPP + VBRmax.
4.
Surge capability given for both directions for unidirectional and bidirectional types.


유사한 부품 번호 - SM6T18CA

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SM6T18CA STMICROELECTRONICS-SM6T18CA Datasheet
186Kb / 5P
   TRANSILTM
logo
MDE Semiconductor, Inc.
SM6T18CA MDE-SM6T18CA Datasheet
86Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SM6T18CA LUGUANG-SM6T18CA Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
SUNMATE electronic Co.,...
SM6T18CA SUNMATE-SM6T18CA Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM6T18CAY STMICROELECTRONICS-SM6T18CAY Datasheet
228Kb / 12P
   Automotive 600 W Transil
More results

유사한 설명 - SM6T18CA

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
SMAJ STMICROELECTRONICS-SMAJ Datasheet
152Kb / 6P
   TRANSIL
SMBJ5.0A-TR STMICROELECTRONICS-SMBJ5.0A-TR Datasheet
133Kb / 10P
   Transil
P6KE6V8A STMICROELECTRONICS-P6KE6V8A_04 Datasheet
96Kb / 6P
   TRANSIL
BZW04-13 STMICROELECTRONICS-BZW04-13 Datasheet
124Kb / 6P
   TRANSIL
SM2T STMICROELECTRONICS-SM2T_05 Datasheet
54Kb / 6P
   TRANSIL?
SMCJ STMICROELECTRONICS-SMCJ Datasheet
129Kb / 10P
   Transil?
July 2010 Rev 8
15KE250CA STMICROELECTRONICS-15KE250CA Datasheet
142Kb / 10P
   Transil
SM4T6V8 STMICROELECTRONICS-SM4T6V8 Datasheet
126Kb / 7P
   TRANSIL
BZW06-28B STMICROELECTRONICS-BZW06-28B Datasheet
176Kb / 6P
   TRANSIL
ESDA14V2BP6 STMICROELECTRONICS-ESDA14V2BP6 Datasheet
32Kb / 5P
   TRANSIL?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com