전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M058LAN 데이터시트(PDF) 10 Page - Nuvotem Talema

부품명 M058LAN
상세설명  ARM Cortex??M0 32-BIT MICROCONTROLLER
Download  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TALEMA [Nuvotem Talema]
홈페이지  http://www.nuvotem.com
Logo TALEMA - Nuvotem Talema

M058LAN 데이터시트(HTML) 10 Page - Nuvotem Talema

Back Button M058LAN Datasheet HTML 6Page - Nuvotem Talema M058LAN Datasheet HTML 7Page - Nuvotem Talema M058LAN Datasheet HTML 8Page - Nuvotem Talema M058LAN Datasheet HTML 9Page - Nuvotem Talema M058LAN Datasheet HTML 10Page - Nuvotem Talema M058LAN Datasheet HTML 11Page - Nuvotem Talema M058LAN Datasheet HTML 12Page - Nuvotem Talema M058LAN Datasheet HTML 13Page - Nuvotem Talema M058LAN Datasheet HTML 14Page - Nuvotem Talema Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 71 page
background image
NuMicro
M058/M0516 Data Sheet
Publication Release Date: May 30, 2011
- 10 -
Revision V2.00
Supports multiple address recognition (four slave address with mask option)
ADC
12-bit SAR ADC with 600k SPS
Up to 8-ch single-ended input or 4-ch differential input
Supports single mode/burst mode/single-cycle scan mode/continuous scan mode
Each channel with an individual result register
Supports conversion value monitoring (or comparison) for threshold voltage detection
Conversion can be started either by software trigger or external pin trigger
EBI (External Bus Interface) for external memory-mapped device access
Accessible space: 64KB in 8-bit mode or 128KB in 16-bit mode
Supports 8-bit/16-bit data width
In-System Programming (ISP) and In-Circuit Programming (ICP)
Brownout Detector
With 4 levels: 4.5V/3.8V/2.7V/2.2V
Supports brownout interrupt and reset option
LVR (Low Voltage Reset)
Threshold voltage levels: 2.0V
Operating Temperature: -40 ~85
℃℃
Packages:
Green package (RoHS)
48-pin LQFP, 33-pin QFN


유사한 부품 번호 - M058LAN

제조업체부품명데이터시트상세설명
logo
Nuvoton Technology Corp...
M058LAN NUVOTON-M058LAN Datasheet
1Mb / 71P
   32-BIT MICROCONTROLLER
More results

유사한 설명 - M058LAN

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
NUC122ZD2AN ETC2-NUC122ZD2AN Datasheet
1Mb / 66P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
NUC100VE3AN ETC2-NUC100VE3AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
M0516LAN TALEMA-M0516LAN Datasheet
1Mb / 71P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Holtek Semiconductor In...
HT32F52231 HOLTEK-HT32F52231 Datasheet
4Mb / 50P
   32-Bit ARM Cortex-M0 Microcontroller
logo
Nuvoton Technology Corp...
NUC140 NUVOTON-NUC140 Datasheet
1Mb / 77P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
List of Unclassifed Man...
NUC130LE3CN ETC2-NUC130LE3CN Datasheet
1Mb / 75P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvotem Talema
NUC100RE3AN TALEMA-NUC100RE3AN Datasheet
1Mb / 60P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Renesas Technology Corp
S124 RENESAS-S124 Datasheet
1Mb / 98P
   32-bit ARM Cortex-M0 microcontroller
logo
List of Unclassifed Man...
NUC100VD2AN ETC2-NUC100VD2AN Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
logo
Nuvoton Technology Corp...
NUC100 NUVOTON-NUC100_V01 Datasheet
2Mb / 86P
   ARM Cortex??M0 32-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com