전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SD106AI 데이터시트(PDF) 8 Page - List of Unclassifed Manufacturers

부품명 2SD106AI
상세설명  2SD106AI Dual SCALE Driver Core for IGBTs and Power MOSFETs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

2SD106AI 데이터시트(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 2SD106AI Datasheet HTML 4Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 5Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 6Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 7Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 8Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 9Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 10Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 11Page - List of Unclassifed Manufacturers 2SD106AI Datasheet HTML 12Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
SCALE Driver
2SD106AI Data Sheet
Page 8
INTELLIGENT POWER ELECTRONICS
Application Hints
IMPORTANT INFORMATION
This data sheet contains only product-specific data. All data that apply to
the whole type series of SCALE drivers is given in the document entitled:
“Description and Application Manual for SCALE Drivers”. In particular, this
manual contains a detailed description of the concept of the SCALE
drivers, a description of the function of all terminal pins as well as other
important application hints.
Overview and application
The SCALE driver 2SD106AI is a two channel-driver for power MOSFETs and IGBTs.
Its compact mechanical dimensions and simple electrical interface make this driver
suitable for almost all conceivable applications. When used as a half-bridge driver, the
2SD106AI can directly generate any dead times that may be required.
Output power and self-heating
The specified output power of the driver totals 2W (1W per channel). This typically
suffices to drive a 100A/1200V six-pack IGBT module with 25kHz. In the case of a drive
power of 2W, the typical input power of the driver is about 2.33W; the losses due to
the driver total about 0.33W. Because CONCEPT cannot predict how the drivers will be
incorporated in the user’s application, no binding recommended value for self-heating
and thus for the maximum useful output power at high ambient temperatures can be
made. It is consequently recommended to check the self-heating of the system,
especially when it is used at higher temperatures.
For the calculation of the exact output power, reference should be made to Application
Note AN-9701 “IGBT drivers correctly calculated” on www.igbt-driver.com/go/app-note.


유사한 부품 번호 - 2SD106AI

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SD106A ETC-2SD106A Datasheet
62Kb / 1P
   Ultra-compact dual SCALE driver for IGBTs with blocking voltages up to 1200V
More results

유사한 설명 - 2SD106AI

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
2SD315AI ETC2-2SD315AI Datasheet
351Kb / 15P
   Dual SCALE Driver Core for IGBTs and Power MOSFETs
6SD106E ETC1-6SD106E Datasheet
376Kb / 12P
   Six-pack SCALE Driver for IGBTs and Power MOSFETs
logo
Renesas Technology Corp
RAJ2930004AGM RENESAS-RAJ2930004AGM Datasheet
740Kb / 10P
   Gate Driver IC for IGBTs and SiC MOSFETs
Feb. 2023 Rev0.2
logo
eupec GmbH
2ED300C17-S EUPEC-2ED300C17-S Datasheet
477Kb / 32P
   Dual IGBT Driver for Medium and High Power IGBTs
logo
List of Unclassifed Man...
2SD106A ETC-2SD106A Datasheet
62Kb / 1P
   Ultra-compact dual SCALE driver for IGBTs with blocking voltages up to 1200V
logo
International Rectifier
AN-980 IRF-AN-980 Datasheet
375Kb / 7P
   IGBTs vs HEXFET Power MOSFETs
logo
IXYS Corporation
IXD611 IXYS-IXD611 Datasheet
278Kb / 14P
   600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
logo
Infineon Technologies A...
TDA21106 INFINEON-TDA21106 Datasheet
200Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev 2.0 Apr, 2004
TDA21101 INFINEON-TDA21101 Datasheet
47Kb / 5P
   High speed Driver with bootstrapping for dual Power MOSFETs
2002-03-28
TDA21102 INFINEON-TDA21102 Datasheet
197Kb / 7P
   High speed Driver with bootstrapping for dual Power MOSFETs
Rev. 1.0 Dec 19, 2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com