전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FMG1G50US60L 데이터시트(PDF) 7 Page - Fairchild Semiconductor

부품명 FMG1G50US60L
상세설명  Molding Type Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMG1G50US60L 데이터시트(HTML) 7 Page - Fairchild Semiconductor

  FMG1G50US60L Datasheet HTML 1Page - Fairchild Semiconductor FMG1G50US60L Datasheet HTML 2Page - Fairchild Semiconductor FMG1G50US60L Datasheet HTML 3Page - Fairchild Semiconductor FMG1G50US60L Datasheet HTML 4Page - Fairchild Semiconductor FMG1G50US60L Datasheet HTML 5Page - Fairchild Semiconductor FMG1G50US60L Datasheet HTML 6Page - Fairchild Semiconductor FMG1G50US60L Datasheet HTML 7Page - Fairchild Semiconductor FMG1G50US60L Datasheet HTML 8Page - Fairchild Semiconductor FMG1G50US60L Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
FMG1G50US60L Rev. A
0
1020304050
2
10
20
5
Common Cathode
di/dt = 100A/㎲
T
C =
25℃
T
C = 100
I
rr
T
rr
Forward Current, I
F
[A]
Fig 20. Reverse Recovery Characteristics
Fig 19. Forward Characteristics
01
23
4
0
40
80
120
160
Common Cathode
V
GE = 0V
T
C =
25℃
T
C = 125
Forward Voltage, V
F [V]


유사한 부품 번호 - FMG1G50US60L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMG1G50US60 FAIRCHILD-FMG1G50US60 Datasheet
627Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
More results

유사한 설명 - FMG1G50US60L

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FMG2G300US60 FAIRCHILD-FMG2G300US60 Datasheet
553Kb / 7P
   Molding Type Module
FMG2G400LS60 FAIRCHILD-FMG2G400LS60 Datasheet
384Kb / 6P
   Molding Type Module
FMG2G75US120 FAIRCHILD-FMG2G75US120 Datasheet
500Kb / 7P
   Molding Type Module
FMG2G400US60 FAIRCHILD-FMG2G400US60 Datasheet
568Kb / 7P
   Molding Type Module
FM2G300US60 FAIRCHILD-FM2G300US60 Datasheet
696Kb / 9P
   Molding Type Module
FMG1G75US60L FAIRCHILD-FMG1G75US60L Datasheet
656Kb / 9P
   Molding Type Module
FMG1G50US60H FAIRCHILD-FMG1G50US60H Datasheet
627Kb / 9P
   Molding Type Module
FM2G200US60 FAIRCHILD-FM2G200US60 Datasheet
701Kb / 9P
   Molding Type Module
FMG2G300US60E FAIRCHILD-FMG2G300US60E Datasheet
721Kb / 7P
   Molding Type Module
FM2G75US60 FAIRCHILD-FM2G75US60 Datasheet
711Kb / 9P
   Molding Type Module
FM2G50US60 FAIRCHILD-FM2G50US60 Datasheet
703Kb / 9P
   Molding Type Module
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com