전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN6921MR 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN6921MR
상세설명  Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN6921MR 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN6921MR Datasheet HTML 7Page - Fairchild Semiconductor FAN6921MR Datasheet HTML 8Page - Fairchild Semiconductor FAN6921MR Datasheet HTML 9Page - Fairchild Semiconductor FAN6921MR Datasheet HTML 10Page - Fairchild Semiconductor FAN6921MR Datasheet HTML 11Page - Fairchild Semiconductor FAN6921MR Datasheet HTML 12Page - Fairchild Semiconductor FAN6921MR Datasheet HTML 13Page - Fairchild Semiconductor FAN6921MR Datasheet HTML 14Page - Fairchild Semiconductor FAN6921MR Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN6921MR Rev. 1.0.2
11
Electrical Characteristics (Continued)
VDD=15V, TA=-40
℃~105℃ (TA=TJ), unless otherwise specified.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
VCTL-PFC-OFF
Threshold Voltage on FB Pin for
PFC EnableDisable
RANGE Pin Internally
Open
1.70
1.75
1.80
V
RANGE Pin Internally
Ground
1.60
1.65
1.70
VCTL-PFC-ON
Threshold Voltage on FB Pin for
PFC Disable  Enable
RANGE Pin Internally
Open
1.85
1.90
1.95
V
RANGE Pin Internally
Ground
1.70
1.75
1.80
tPFC-OFF
PFC Disable Debounce Time
PFC Enable 
Disable
400
500
600
ms
tPFC-ON
PFC Enable Debounce Time
PFC Disable 
Enable
2.0
2.5
3.0
ms
tSTARTER-PWM Start Timer (Time-Out Timer)
VFB <VG
1.85
2.25
2.65
ms
VFB >VFB-OLP
22
28
34
µs
PWM Output Section
VCLAMP
PWM Gate Output Clamping
Voltage
VDD=25V
16.0
17.5
19.0
V
VOL
PWM Gate Output Voltage Low
VDD=15V, IO=100mA
1.5
V
VOH
PWM Gate Output Voltage High
VDD=15V, IO=100mA
8
V
tR
PWM Gate Output Rising Time
CL=3nF, VDD=12V,
20~80%
80
110
ns
tF
PWM Gate Output Falling Time
CL=3nF, VDD=12V,
20~80%
40
70
ns
Current Sense Section
tPD
Delay to Output
150
200
ns
VLIMIT
The Limit Voltage on CSPWM
Pin for Over Power
Compensation
IDET <75µA, TA=25°C
0.81
0.84
0.87
V
IDET=185µA, TA=25°C
0.69
0.72
0.75
IDET=350µA, TA=25°C
0.55
0.58
0.61
IDET=550µA, TA=25°C
0.37
0.40
0.43
VSLOPE
Slope Compensation
(4)
tON=45µs,
RANGE=Open
0.25
0.30
0.35
V
tON=0µs
0.05
0.10
0.15
tON-BNK
Leading-Edge Blanking Time
300
ns
VCS-FLOATING
CSPWM Pin Floating VCSPWM
Clamped High Voltage
CSPWM Pin Floating
4.5
5.0
V
tCS-H
The Delay Time once CSPWM
Pin Floating
CSPWM Pin Floating
150
µs
Continued on the following page…


유사한 부품 번호 - FAN6921MR

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
FAN6921MLMY FAIRCHILD-FAN6921MLMY Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
More results

유사한 설명 - FAN6921MR

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
FAN6921BMR ONSEMI-FAN6921BMR Datasheet
719Kb / 20P
   Integrated Critical Mode PFC and Quasi-Resonant Current Mode PWM Controller
August, 2020 ??Rev. 0
logo
Fairchild Semiconductor
FAN6920MR FAIRCHILD-FAN6920MR Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Controller
FAN6921ML FAIRCHILD-FAN6921ML Datasheet
1Mb / 23P
   Integrated Critical Mode PFC/Quasi-Resonant Current Mode PWM Controller
AN-6921 FAIRCHILD-AN-6921 Datasheet
618Kb / 16P
   Integrated Critical Mode PFC / Quasi-Resonant Current Mode PWM Controller
logo
ON Semiconductor
FL7921R ONSEMI-FL7921R Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant Current-Mode PWM Lighting Controller
Rev. 1.1
logo
Fairchild Semiconductor
AN-6920MR FAIRCHILD-AN-6920MR Datasheet
683Kb / 17P
   Integrated Critical-Mode PFC / Quasi-Resonant Current-Mode PWM Controller FAN6920
logo
Holtek Semiconductor In...
HT7L5820 HOLTEK-HT7L5820 Datasheet
2Mb / 14P
   Integrated PFC and Quasi-Resonant Current Mode PWM Controller
logo
Fairchild Semiconductor
FAN6754BMRMY FAIRCHILD-FAN6754BMRMY Datasheet
1Mb / 24P
   Integrated Critical-Mode PFC and Quasi-Resonant
logo
ON Semiconductor
FAN6300A ONSEMI-FAN6300A Datasheet
789Kb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
January 2014 Rev. 1.0.2
logo
Fairchild Semiconductor
FAN6300A FAIRCHILD-FAN6300A Datasheet
1Mb / 15P
   Highly Integrated Quasi-Resonant Current Mode PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com