전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4835DDY-T1-E3 데이터시트(PDF) 3 Page - Vishay Siliconix

부품명 SI4835DDY-T1-E3
상세설명  P-Channel 30-V (D-S) MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4835DDY-T1-E3 데이터시트(HTML) 3 Page - Vishay Siliconix

  SI4835DDY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4835DDY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4835DDY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4835DDY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4835DDY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4835DDY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4835DDY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4835DDY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4835DDY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 69953
S09-0136-Rev. B, 02-Feb-09
www.vishay.com
3
Vishay Siliconix
Si4835DDY
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
10
20
30
40
50
60
01
2
3
45
VDS - Drain-to-Source Voltage (V)
VGS = 10 V thru 5 V
VGS =4 V
VGS =3 V
0.00
0.01
0.02
0.03
0.04
0.05
0
102030
405060
ID - Drain Current (A)
VGS =10 V
VGS =4.5 V
0
2
4
6
8
10
0
10203040
50
ID =10A
Qg - Total Gate Charge (nC)
VDS =10 V
VDS =20 V
VDS =15 V
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
1
2
3
4
5
0
1234
5
VGS - Gate-to-Source Voltage (V)
VGS = 125 °C
VGS = 25 °C
VGS = - 55 °C
Crss
0
600
1200
1800
2400
3000
0
6
12
18
24
30
Ciss
VDS - Drain-to-Source Voltage (V)
Coss
0.6
0.8
1.0
1.2
1.4
1.6
- 50
- 25
0
25
50
75
100
125
150
TJ -Junction Temperature (°C)
VGS =- 10 V
ID =10A
VGS = - 4.5 V


유사한 부품 번호 - SI4835DDY-T1-E3

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
SI4835DDY-T1-E3 VBSEMI-SI4835DDY-T1-E3 Datasheet
996Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4835DDY-T1-E3 VISHAY-SI4835DDY-T1-E3 Datasheet
198Kb / 9P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI4835DDY-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com