전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-EG2A-XY0DD 데이터시트(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-EG2A-XY0DD
상세설명  New T-1 3/4 (5mm) Extra High Brightness AlInGaP LED Lamps
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EG2A-XY0DD 데이터시트(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HLMP-EG2A-XY0DD Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG2A-XY0DD Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG2A-XY0DD Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG2A-XY0DD Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG2A-XY0DD Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG2A-XY0DD Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG2A-XY0DD Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG2A-XY0DD Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HLMP-EG2A-XY0DD Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7
Intensity Bin Limit Table (1.3:1 Iv bin ratio)
Bin
Intensity (mcd) at 20mA
Min
Max
V
4200
5500
W
5500
7200
X
7200
9300
Y
9300
2000
Z
2000
6000

6000
2000
Tolerance for each bin limit is ± 5%
VF Bin Table (V at 20mA)
Bin ID
Min
Max
VD
.8
2.0
VA
2.0
2.2
VB
2.2
2.4
Tolerance for each bin limit is ± 0.05V
Red Color Range
Min Dom
Max
Dom
X min
Y Min
X max
Y max
68
630
0.6872
0.326
0.6890
0.2943
0.6690
0.349
0.7080
0.2920
Tolerance for each bin limit is ± 0.5nm
Amber Color Range
Bin
Min
Dom
Max
Dom
Xmin
Ymin
Xmax
Ymax

584.5
587
0.5420 0.4580 0.5530 0.4400
0.5370 0.4550 0.5570 0.4420
2
587
589.5
0.5570 0.4420 0.5670 0.4250
0.5530 0.4400 0.5720 0.4270
4
589.5
592
0.5720 0.4270 0.5820 0.40
0.5670 0.4250 0.5870 0.430
6
592
594.5
0.5870 0.430 0.5950 0.3980
0.5820 0.40 0.6000 0.3990
Tolerance for each bin limit is ± 0.5nm
Note:
All bin categories are established for classification of products. Products
may not be available in all bin categories. Please contact Avago
representative for further information.
0.280
0.300
0.320
0.340
0.360
0.380
0.400
0.420
0.440
0.460
0.480
0.500
0.550
0.600
0.650
0.700
0.750
0.800
X
1
2
4
6
Amber
Red
Avago Color Bin on CIE 1931 Chromaticity Diagram


유사한 부품 번호 - HLMP-EG2A-XY0DD

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-EG2A-XY0XX BOARDCOM-HLMP-EG2A-XY0XX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
More results

유사한 설명 - HLMP-EG2A-XY0DD

제조업체부품명데이터시트상세설명
logo
Broadcom Corporation.
HLMP-EGXX BOARDCOM-HLMP-EGXX Datasheet
385Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EG1B-Z10DD AVAGO-HLMP-EG1B-Z10DD Datasheet
255Kb / 11P
   New T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL12-VY0DD AVAGO-HLMP-EL12-VY0DD Datasheet
462Kb / 11P
   T-1쩐 (5mm) Extra High Brightness AlInGaP LED Lamps
HLMP-EL1A-Z1KDV AVAGO-HLMP-EL1A-Z1KDV Datasheet
225Kb / 11P
   5mm Extra High Brightness AlInGaP LED lamps
logo
Unity Opto Technology
MVL-5C4UYL UOT-MVL-5C4UYL Datasheet
39Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-5A4UG UOT-MVL-5A4UG Datasheet
36Kb / 2P
   T-1 3/4 (5mm) High Performance AlInGaP LED Lamps
MVL-544UG UOT-MVL-544UG Datasheet
35Kb / 2P
   T-1 3/4 ( f 5mm) HIGH POWER AlInGaP LED LAMPs
MVL-5A4UYL UOT-MVL-5A4UYL Datasheet
38Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
logo
Visual Communications C...
4304H6 VCC-4304H6 Datasheet
58Kb / 1P
   Solid State LED Lamps-High Brightness T-1 3/4 (5mm)
logo
Unity Opto Technology
MVL-5A4SO UOT-MVL-5A4SO Datasheet
39Kb / 2P
   T-1 3/4 ( f 5mm) PACKAGE HIGH POWER AlInGaP LED LAMPs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com