전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LFB155G50CB1B948 데이터시트(PDF) 1 Page - Murata Manufacturing Co., Ltd.

부품명 LFB155G50CB1B948
상세설명  Filters for Communication Equipment Chip Multilayer LC Filters (BPF)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MURATA [Murata Manufacturing Co., Ltd.]
홈페이지  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LFB155G50CB1B948 데이터시트(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LFB155G50CB1B948 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LFB155G50CB1B948 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LFB155G50CB1B948 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LFB155G50CB1B948 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LFB155G50CB1B948 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LFB155G50CB1B948 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LFB155G50CB1B948 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LFB155G50CB1B948 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LFB155G50CB1B948 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Filters for Communication Equipment
7
for RF/Local
Chip Multilayer LC Filters (BPF)
o LFB15(0402)_CB Series
LFB15_CB Series
<Top View>
<Bottom View>
1.00
±0.05
0.37
±0.03
(1)
(2)
(3)
(4)
0.35
±0.10
0.3
±0.1
(1)
(4)
(3)
(2)
0.10
±0.05
A
(in mm)
(1)(3)
(2)
(4)
: GND
: OUT
: IN
A: Directional Input Mark
Frequency Characteristics
2500
8500
Frequency Range (MHz)
90
80
70
60
50
40
30
20
10
0
45
40
35
30
25
20
15
10
5
0
5500
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFB155G37CB1C032
5375
fo
±475
1.5 max.
(at 25
°C)
10 min.
at 3800MHz
5 min.
at 7500MHz
WLAN/BT
LFB155G50CB1B948
5500
fo
±350
1.1 max.
(at 25
°C)
9.5 min.
at 4000MHz
4.5 min.
at 7500MHz
WLAN/BT
o LFB18(0603)_SG Series
LFB18_SG Series
1.6
±0.1
0.6
±0.1
(1)
(4)
(2)
(3)
0.15
±0.10
0.45
±0.15 0.70±0.15
A : Directional Input Mark
All the technical data and information contained
herein are subject to change without prior notice.
(1)(3) : GND
(2) : OUT
(4) : IN
(in mm)
A
Frequency Characteristics
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
30
35
40
45
1.5
2.25
Frequency Range (GHz)
3.0
Part Number
Nominal Center
Frequency (fo)
(MHz)
Bandwidth (BW)
(MHz)
Insertion Loss
in BW
(dB)
Attenuation
(Absolute Value) I)
(dB)
Attenuation
(Absolute Value) II)
(dB)
Application
LFB182G45SG9A213
2450
fo
±50
2.2 max.
(at 25
°C)
24 min.
at 880~960MHz
20 min.
at 1710~1990MHz
WLAN/BT
LFB182G45SG9A246
2450
fo
±50
2.2 max.
(at 25
°C)
24.5 min.
at 880~960MHz
12.5 min.
at 1710~1990MHz
WLAN/BT
LFB182G45SG9A272
2450
fo
±50
1.8 max.
(at 25
°C)
25 min.
at 880~1000MHz
22.5 min.
at 1200~1300MHz
WLAN/BT
LFB182G60SGHB972
2600
fo
±100.0
1.9 max.
(at 25
°C)
29.5 min.
at 806~849MHz
25 min.
at 1850~1910MHz
WIMAX
LFB182G60SGHC149
2600
fo
±100.0
2.2 max.
(at 25
°C)
29.5 min.
at 806~849MHz
30 min.
at 1850~1910MHz
WIMAX
LFB183G60SGJC019
3500
fo
±200
1.8 max.
(at 25
°C)
25.5 min.
at 806~849MHz
21.5 min.
at 1850~1910MHz
WIMAX
LFB185G78SGAB713
5787.5
fo
±62.5
2.2 max.
(at 25
°C)
16.5 min.
at 4800MHz
23.5 min.
at 11450~11700MHz
WLAN/BT
• This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our
sales representatives or product engineers before ordering.
• This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
!Note
10.12.17


유사한 부품 번호 - LFB155G50CB1B948

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LFB155G50CB1B948 MURATA-LFB155G50CB1B948 Datasheet
129Kb / 9P
   Filters for Communication Equipment
LFB155G50CB1B948 MURATA-LFB155G50CB1B948 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB155G50CB1B948 MURATA1-LFB155G50CB1B948 Datasheet
153Kb / 9P
   Filters for Communication Equipment
10.12.17
More results

유사한 설명 - LFB155G50CB1B948

제조업체부품명데이터시트상세설명
logo
Murata Manufacturing Co...
LFB182G45SG9E181 MURATA-LFB182G45SG9E181 Datasheet
168Kb / 2P
   LC Filters(BPF)
LFB155G37CB1C032 MURATA-LFB155G37CB1C032_17 Datasheet
212Kb / 3P
   LC Filters(BPF)
logo
Murata Manufacturing Co...
LFB212G45CG7D227 MURATA1-LFB212G45CG7D227 Datasheet
161Kb / 2P
   LC Filters(BPF)
11/16/2022
logo
Murata Manufacturing Co...
LFB151G81CD1B945 MURATA-LFB151G81CD1B945 Datasheet
167Kb / 2P
   LC Filters(BPF)
LFB182G45CGFD436 MURATA-LFB182G45CGFD436 Datasheet
169Kb / 2P
   LC Filters(BPF)
LFB185G54CGLD602 MURATA-LFB185G54CGLD602 Datasheet
167Kb / 2P
   LC Filters(BPF)
LFB152G45CB2D320 MURATA-LFB152G45CB2D320 Datasheet
169Kb / 2P
   LC Filters(BPF)
LFL212G45TC1A007 MURATA-LFL212G45TC1A007 Datasheet
129Kb / 9P
   Filters for Communication Equipment
logo
Murata Manufacturing Co...
LFB32426MSC1-603 MURATA1-LFB32426MSC1-603_V01 Datasheet
79Kb / 5P
   Filters for Communication Equipment
03.12.9
logo
Murata Manufacturing Co...
LFL215G78TC1A155 MURATA-LFL215G78TC1A155 Datasheet
474Kb / 17P
   Filters for Communication Equipment
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com