전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPIC6273DW 데이터시트(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
부품명 TPIC6273DW
상세설명  POWER LOGIC OCTAL D-TYPE LATCH
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

TPIC6273DW 데이터시트(HTML) 3 Page - Texas Instruments

  TPIC6273DW Datasheet HTML 1Page - Texas Instruments TPIC6273DW Datasheet HTML 2Page - Texas Instruments TPIC6273DW Datasheet HTML 3Page - Texas Instruments TPIC6273DW Datasheet HTML 4Page - Texas Instruments TPIC6273DW Datasheet HTML 5Page - Texas Instruments TPIC6273DW Datasheet HTML 6Page - Texas Instruments TPIC6273DW Datasheet HTML 7Page - Texas Instruments TPIC6273DW Datasheet HTML 8Page - Texas Instruments TPIC6273DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TPIC6273
POWER LOGIC OCTAL D-TYPE LATCH
SLIS011A – APRIL 1992 – REVISED OCTOBER 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
schematic of inputs and outputs
EQUIVALENT OF EACH INPUT
TYPICAL OF ALL DRAIN OUTPUTS
VCC
Input
GND
GND
DRAIN
45 V
12 V
25 V
12 V
absolute maximum ratings over recommended operating case temperature range (unless
otherwise noted)
Logic supply voltage, VCC (see Note 1)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Logic input voltage range, VI
– 0.3 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Power DMOS drain-to-source voltage, VDS (see Note 2)
45 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous source-drain diode anode current
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed source-drain diode anode current
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Pulsed drain current, each output, all outputs on, IDn, TA = 25°C (see Note 3)
750 mA
. . . . . . . . . . . . . . . . . . .
Continuous drain current, each output, all outputs on, IDn, TA = 25°C
250 mA
. . . . . . . . . . . . . . . . . . . . . . . . . .
Peak drain current single output, IDM,TA = 25°C (see Note 3)
2 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Single-pulse avalanche energy, EAS (see Figure 4)
75 mJ
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Avalanche current, IAS (see Note 4)
1 A
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous total power dissipation
See Dissipation Rating Table
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. All voltage values are with respect to GND.
2. Each power DMOS source is internally connected to GND.
3. Pulse duration
≤ 100 µs, duty cycle ≤ 2%
4. DRAIN supply voltage = 15 V, starting junction temperature (TJS) = 25°C, L = 100 mH, IAS = 1 A (see Figure 4).
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 125°C
POWER RATING
DW
1125 mW
9.0 mW/
°C
225 mW
N
1150 mW
9.2 mW/
°C
230 mW


유사한 부품 번호 - TPIC6273DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6273DW TI-TPIC6273DW Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
More results

유사한 설명 - TPIC6273DW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TPIC6273 TI-TPIC6273 Datasheet
143Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6B273 TI-TPIC6B273 Datasheet
130Kb / 9P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
TPIC6273DWRG4 TI-TPIC6273DWRG4 Datasheet
868Kb / 15P
[Old version datasheet]   POWER LOGIC OCTAL D-TYPE LATCH
logo
National Semiconductor ...
MM54C373 NSC-MM54C373 Datasheet
170Kb / 8P
   Octal D-Type Latch Octal D-Type Flip-Flop
logo
Unisonic Technologies
U74HC373 UTC-U74HC373 Datasheet
214Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
Texas Instruments
SN74LVC573A-Q1 TI-SN74LVC573A-Q1 Datasheet
202Kb / 8P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCH
logo
Unisonic Technologies
U74HC373 UTC-U74HC373_15 Datasheet
269Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH
logo
ON Semiconductor
MM74HCT573 ONSEMI-MM74HCT573 Datasheet
222Kb / 11P
   Octal D-Type Latch ??3-STATE Octal D-Type Flip-Flop
Revised May 2005
logo
Fairchild Semiconductor
MM74HCT573 FAIRCHILD-MM74HCT573_05 Datasheet
114Kb / 9P
   Octal D-Type Latch - 3-STATE Octal D-Type Flip-Flop
MM74HCT573 FAIRCHILD-MM74HCT573 Datasheet
98Kb / 8P
   Octal D-Type Latch 3-STATE Octal D-Type Flip-Flop
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com