전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHCT138T16-13 데이터시트(PDF) 4 Page - Diodes Incorporated

부품명 74AHCT138T16-13
상세설명  3 TO 8 LINE DECODER DEMULTIPLEXER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT138T16-13 데이터시트(HTML) 4 Page - Diodes Incorporated

  74AHCT138T16-13 Datasheet HTML 1Page - Diodes Incorporated 74AHCT138T16-13 Datasheet HTML 2Page - Diodes Incorporated 74AHCT138T16-13 Datasheet HTML 3Page - Diodes Incorporated 74AHCT138T16-13 Datasheet HTML 4Page - Diodes Incorporated 74AHCT138T16-13 Datasheet HTML 5Page - Diodes Incorporated 74AHCT138T16-13 Datasheet HTML 6Page - Diodes Incorporated 74AHCT138T16-13 Datasheet HTML 7Page - Diodes Incorporated 74AHCT138T16-13 Datasheet HTML 8Page - Diodes Incorporated 74AHCT138T16-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
74AHCT138
Document number: DS35483 Rev. 2 - 2
4 of 9
www.diodes.com
June 2013
© Diodes Incorporated
74AHCT138
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
2
KV
ESD CDM
Charged Device Model ESD Protection
1
KV
ESD MM
Machine Model ESD Protection
200
V
VCC
Supply Voltage Range
-0.5 to +7.0
V
VI
Input Voltage Range
-0.5 to +7.0
V
Vo
Voltage applied to output in high or low state
-0.3 to VCC +0.5
V
IIK
Input Clamp Current
VI< -0.5V
-20
mA
IOK
Output Clamp Current VO<-0.5V
-20
mA
IOK
Output Clamp Current VO> VCC + 0.5V
25
mA
IO
Continuous output current
+/- 25
mA
ICC
Continuous current through VDD or GND
75
mA
IGND
Continuous current through VDD or GND
-75
mA
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
PTOT
Total Power Dissipation
500
mW
Notes:
4. Stresses beyond the absolute maximum may result in immediate failure or reduced reliability. These are stress values and device operation should be
within recommend values.
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
4.5
5.5
V
VI
Input Voltage
0
5.5
V
VO
Output Voltage
Active Mode
0
VCC
V
t/V
Input transition Rise or Fall Rate
VCC = 4.5V to 5.5V
20
ns/V
TA
Operating Free-Air Temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High-level Input
Voltage
4.5V to 5.5V
2.0
2.0
2.0
V
VIL
Low-level input
voltage
4.5V to 5.5V
0.8
0.8
0.8
V
VOH
High Level
Output Voltage
IOH = -50μA
4.5V
4.4
4.5
4.4
4.4
V
IOH = -8mA
4.5V
3.94
3.80
3.70
VOL
Low-level Output
Voltage
IOL = 50μA
4.5V
0
0.1
0.1
0.1
V
IOL = 8mA
4.5V
0.36
0.44
0.55
II
Input Current
VI = GND or 5.5V
0V to 5.5V
0.1
±0.1
± 1
± 2
μA
ICC
Supply Current
VI = GND or VCC
IO = 0
5.5V
4.0
40
80
μA
∆ICC
Additional
Supply Current
per Input
VI = Vcc -2.1V
IO = 0
4.5V to 5.5V
1.35
1.5
1.5
mA
Ci
Input
Capacitance
Vi = VCC or GND
5.5V
4
10
10
10
pF


유사한 부품 번호 - 74AHCT138T16-13

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHCT138 PHILIPS-74AHCT138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
Nexperia B.V. All right...
74AHCT138 NEXPERIA-74AHCT138 Datasheet
260Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHCT138-Q100 NEXPERIA-74AHCT138-Q100 Datasheet
718Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHCT138BQ NEXPERIA-74AHCT138BQ Datasheet
260Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHCT138BQ-Q100 NEXPERIA-74AHCT138BQ-Q100 Datasheet
718Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
More results

유사한 설명 - 74AHCT138T16-13

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
logo
Diodes Incorporated
74AHC138 DIODES-74AHC138 Datasheet
307Kb / 10P
   3-TO-8 LINE DECODER DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com