전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74HCT594 데이터시트(PDF) 6 Page - Diodes Incorporated

부품명 74HCT594
상세설명  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HCT594 데이터시트(HTML) 6 Page - Diodes Incorporated

Back Button 74HCT594 Datasheet HTML 2Page - Diodes Incorporated 74HCT594 Datasheet HTML 3Page - Diodes Incorporated 74HCT594 Datasheet HTML 4Page - Diodes Incorporated 74HCT594 Datasheet HTML 5Page - Diodes Incorporated 74HCT594 Datasheet HTML 6Page - Diodes Incorporated 74HCT594 Datasheet HTML 7Page - Diodes Incorporated 74HCT594 Datasheet HTML 8Page - Diodes Incorporated 74HCT594 Datasheet HTML 9Page - Diodes Incorporated 74HCT594 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
74HCT594
Document number: DS35491 Rev. 2 - 2
6 of 12
www.diodes.com
June 2013
© Diodes Incorporated
74HCT594
Switching Characteristics
Symbol /
Parameter
Pins
Test
Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ.
Max
Min
Max
Min
Max
fMAX
Maximum
Frequency
SHCP or
STCP
Figure 2
CL=15pF
5.0 V
30
92
24
20
MHz
tW
Pulse Width
SHCP
HIGH or
LOW
Figure 2
CL=50pF
4.5 V
16
4
20
24
ns
STCP
HIGH or
LOW
Figure 2
CL=50pF
4.5 V
16
4
20
24
SHR and
STR
HIGH or
LOW
Figure 2
CL=50pF
4.5 V
16
6
20
24
tSU
Set-up Time
DS to SHCP
Figure 2
CL=50pF
4.5 V
20
4
25
30
ns
SHR to
STCP
Figure 2
CL=50pF 2
4.5 V
20
6
25
30
SHCP to
STCP
Figure 2
CL=50pF
4.5 V
20
7
25
30
tPD
Propagation
Delay
SHCP to
Q7S
Figure 2
CL=50p
4.5 V
18
32
40
48
ns
Figure 2
CL=15pF
5.0 V
15
STCP to Qn
Figure 2
CL=50p
4.5 V
18
32
40
48
Figure 2
CL=15p
5.0 V
15
tH
Hold Time
DS to SHCP
Figure 2
4.5 V
5
-3
6
7
ns
tREC
Recovery Time
SHR to
SHCP and
STR to STCP
Figure 2
4.5 V
10
-5
13
15
ns


유사한 부품 번호 - 74HCT594

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74HCT594 PHILIPS-74HCT594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74HCT594 NXP-74HCT594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74HCT594 NEXPERIA-74HCT594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
logo
NXP Semiconductors
74HCT594D PHILIPS-74HCT594D Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74HCT594D NXP-74HCT594D Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
More results

유사한 설명 - 74HCT594

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com