전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQA33N10 데이터시트(PDF) 4 Page - Fairchild Semiconductor

부품명 FQA33N10
상세설명  100V N-Channel MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQA33N10 데이터시트(HTML) 4 Page - Fairchild Semiconductor

  FQA33N10 Datasheet HTML 1Page - Fairchild Semiconductor FQA33N10 Datasheet HTML 2Page - Fairchild Semiconductor FQA33N10 Datasheet HTML 3Page - Fairchild Semiconductor FQA33N10 Datasheet HTML 4Page - Fairchild Semiconductor FQA33N10 Datasheet HTML 5Page - Fairchild Semiconductor FQA33N10 Datasheet HTML 6Page - Fairchild Semiconductor FQA33N10 Datasheet HTML 7Page - Fairchild Semiconductor FQA33N10 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©2000 Fairchild Semiconductor International
Rev. A, April 2000
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
-2
10
-1
10
0
 No t e s :
1 . Z
 JC(t ) = 0 . 9 2  /W M a x .
2 . D u t y F a c t o r , D = t
1
/t
2
3 . T
JM
- T
C
= P
DM
* Z
 JC(t )
si n g l e p u l s e
D= 0 . 5
0. 02
0. 2
0. 05
0. 1
0. 01
t
1 ,
S q u a r e W a v e P u l s e D u r a ti o n [s e c ]
25
50
75
100
125
150
175
0
10
20
30
40
T
C, Case Temperature []
10
0
10
1
10
2
10
0
10
1
10
2
DC
10 ms
1 ms
100
µs
Operation in This Area
is Limited by R
DS(on)
 Notes :
1. T
C
= 25
o
C
2. T
J
= 175
o
C
3. Single Pulse
V
DS, Drain-Source Voltage [V]
-100
-50
0
50
100
150
200
0.0
0.5
1.0
1.5
2.0
2.5
3.0
 Notes :
1. V
GS = 10 V
2. I
D = 16.5 A
T
J
, Junction Temperature [
o
C]
-100
-50
0
50
100
150
200
0.8
0.9
1.0
1.1
1.2
Notes:
1. V
GS
= 0V
2. I
D = 250 
A
T
J, Junction Temperature [
oC]
Typical Characteristics (Continued)
Figure 9. Maximum Safe Operating Area
Figure 10. Maximum Drain Current
vs. Case Temperature
Figure 7. Breakdown Voltage Variation
vs. Temperature
Figure 8. On-Resistance Variation
vs. Temperature
Figure 11. Transient Thermal Response Curve
t1
PDM
t2


유사한 부품 번호 - FQA33N10

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQA33N10 ISC-FQA33N10 Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQA33N10L FAIRCHILD-FQA33N10L Datasheet
642Kb / 8P
   100V LOGIC N-Channel MOSFET
logo
Inchange Semiconductor ...
FQA33N10L ISC-FQA33N10L Datasheet
363Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - FQA33N10

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB44N10 FAIRCHILD-FQB44N10 Datasheet
640Kb / 9P
   100V N-Channel MOSFET
FQP55N10 FAIRCHILD-FQP55N10 Datasheet
666Kb / 8P
   100V N-Channel MOSFET
FQH140N10 FAIRCHILD-FQH140N10 Datasheet
679Kb / 8P
   100V N-Channel MOSFET
FQD13N10 FAIRCHILD-FQD13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO3442 AOSMD-AO3442 Datasheet
500Kb / 5P
   100V N-Channel MOSFET
AO4482 AOSMD-AO4482 Datasheet
204Kb / 6P
   100V N-Channel MOSFET
AON2290 AOSMD-AON2290 Datasheet
227Kb / 5P
   100V N-Channel MOSFET
AOD478 AOSMD-AOD478 Datasheet
427Kb / 6P
   100V N-Channel MOSFET
AON6290 AOSMD-AON6290 Datasheet
271Kb / 6P
   100V N-Channel MOSFET
AOT416 AOSMD-AOT416 Datasheet
280Kb / 7P
   100V N-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4454 WHXPCB-AO4454 Datasheet
2Mb / 6P
   100V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com