전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD9959BCPZ 데이터시트(PDF) 9 Page - Analog Devices

부품명 AD9959BCPZ
상세설명  4-Channel, 500 MSPS DDS with 10-Bit DACs
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD9959BCPZ 데이터시트(HTML) 9 Page - Analog Devices

Back Button AD9959BCPZ Datasheet HTML 5Page - Analog Devices AD9959BCPZ Datasheet HTML 6Page - Analog Devices AD9959BCPZ Datasheet HTML 7Page - Analog Devices AD9959BCPZ Datasheet HTML 8Page - Analog Devices AD9959BCPZ Datasheet HTML 9Page - Analog Devices AD9959BCPZ Datasheet HTML 10Page - Analog Devices AD9959BCPZ Datasheet HTML 11Page - Analog Devices AD9959BCPZ Datasheet HTML 12Page - Analog Devices AD9959BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
AD9959
Rev. B | Page 9 of 44
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
NC = NO CONNECT
1
SYNC_IN
2
SYNC_OUT
3
MASTER_RESET
4
PWR_DWN_CTL
5
AVDD
6
AGND
7
AVDD
8
CH2_IOUT
9
CH2_IOUT
10
AGND
11
AVDD
12
AGND
13
CH3_IOUT
14
CH3_IOUT
35
CH1_IOUT
36
CH1_IOUT
37
AVDD
38
AGND
39
AVDD
40
P0
41
P1
42
P2
34
AGND
33
AVDD
32
AGND
31
AVDD
30
CH0_IOUT
29
CH0_IOUT
TOP VIEW
(Not to Scale)
AD9959
NOTES
1. THE EXPOSED EPAD ON BOTTOM SIDE OF PACKAGE IS
AN ELECTRICAL CONNECTION AND MUST BE
SOLDERED TO GROUND.
2. PIN 49 IS DVDD_I/O AND IS TIED TO 3.3V.
Figure 3. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
I/O1
Description
1
SYNC_IN
I
Used to Synchronize Multiple AD9959 Devices. Connects to the SYNC_OUT pin of
the master AD9959 device.
2
SYNC_OUT
O
Used to Synchronize Multiple AD9959 Devices. Connects to the SYNC_IN pin of the
slave AD9959 devices.
3
MASTER_RESET
I
Active High Reset Pin. Asserting the MASTER_RESET pin forces the AD9959 internal
registers to their default state, as described in the Register Maps and Bit Descriptions
section.
4
PWR_DWN_CTL
I
External Power-Down Control.
5, 7, 11, 15, 19, 21,
26, 31, 33, 37, 39
AVDD
I
Analog Power Supply Pins (1.8 V).
6, 10, 12, 16, 18, 20,
25, 28, 32, 34, 38
AGND
I
Analog Ground Pins.
45, 55
DVDD
I
Digital Power Supply Pins (1.8 V).
44, 56
DGND
I
Digital Power Ground Pins.
8
CH2_IOUT
O
True DAC Output. Terminates into AVDD.
9
CH2_IOUT
O
Complementary DAC Output. Terminates into AVDD.
13
CH3_IOUT
O
True DAC Output. Terminates into AVDD.
14
CH3_IOUT
O
Complementary DAC Output. Terminates into AVDD.
17
DAC_RSET
I
Establishes the Reference Current for All DACs. A 1.91 kΩ resistor (nominal) is
connected from Pin 17 to AGND.
22
REF_CLK
I
Complementary Reference Clock/Oscillator Input. When the REF_CLK is operated
in single-ended mode, this pin should be decoupled to AVDD or AGND with a
0.1 μF capacitor.
23
REF_CLK
I
Reference Clock/Oscillator Input. When the REF_CLK is operated in single-ended
mode, this is the input. See the Modes of Operation section for the reference clock
configuration.


유사한 부품 번호 - AD9959BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9959BCPZ AD-AD9959BCPZ Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959BCPZ-REEL7 AD-AD9959BCPZ-REEL7 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9959BCPZ-REEL71 AD-AD9959BCPZ-REEL71 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959BCPZ1 AD-AD9959BCPZ1 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
More results

유사한 설명 - AD9959BCPZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD9959 AD-AD9959_08 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_15 Datasheet
721Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
REV. B
AD9959 AD-AD9959_V01 Datasheet
950Kb / 44P
   4-Channel, 500 MSPS DDS with 10-Bit DACs
Rev. C
AD9958 AD-AD9958 Datasheet
1Mb / 40P
   2-Channel 500 MSPS DDS with 10-Bit DACs
REV. 0
AD9958 AD-AD9958_16 Datasheet
810Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
AD9958 AD-AD9958_08 Datasheet
659Kb / 44P
   2-Channel, 500 MSPS DDS with 10-Bit DACs
REV. A
AD9959 AD-AD9959 Datasheet
246Kb / 9P
   4 Channel 500MSPS DDS with 10-bit DACs
Rev. PrB
logo
Texas Instruments
DAC3152 TI1-DAC3152 Datasheet
976Kb / 30P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
DAC3152 TI-DAC3152_15 Datasheet
1Mb / 31P
[Old version datasheet]   Dual-Channel, 10-/12-Bit, 500-MSPS Digital-to-Analog Converters (DACs)
logo
Analog Devices
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com