전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ADV7123KSTZ50 데이터시트(PDF) 11 Page - Analog Devices

부품명 ADV7123KSTZ50
상세설명  CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

ADV7123KSTZ50 데이터시트(HTML) 11 Page - Analog Devices

Back Button ADV7123KSTZ50 Datasheet HTML 7Page - Analog Devices ADV7123KSTZ50 Datasheet HTML 8Page - Analog Devices ADV7123KSTZ50 Datasheet HTML 9Page - Analog Devices ADV7123KSTZ50 Datasheet HTML 10Page - Analog Devices ADV7123KSTZ50 Datasheet HTML 11Page - Analog Devices ADV7123KSTZ50 Datasheet HTML 12Page - Analog Devices ADV7123KSTZ50 Datasheet HTML 13Page - Analog Devices ADV7123KSTZ50 Datasheet HTML 14Page - Analog Devices ADV7123KSTZ50 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADV7123
Rev. D | Page 11 of 24
Pin No.
Mnemonic
Description
37
RSET
A resistor (RSET) connected between this pin and GND controls the magnitude of the full-scale video signal.
Note that the IRE relationships are maintained, regardless of the full-scale output current. For nominal video
levels into a doubly terminated 75 Ω load, RSET = 530 Ω. The relationship between RSET and the full-scale
output current on IOG (assuming ISYNC is connected to IOG) is given by:
RSET (Ω) = 11,445 × VREF (V)/IOG (mA)
The relationship between RSET and the full-scale output current on IOR, IOG, and IOB is given by:
IOG (mA) = 11,445 × VREF (V)/RSET (Ω) (SYNC being asserted)
IOR, IOB (mA) = 7989.6 × VREF (V)/RSET (Ω)
The equation for IOG is the same as that for IOR and IOB when SYNC is not being used, that is, SYNC tied
permanently low.
38
PSAVE
Power Save Control Pin. Reduced power consumption is available on the ADV7123 when this pin is active.


유사한 부품 번호 - ADV7123KSTZ50

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
More results

유사한 설명 - ADV7123KSTZ50

제조업체부품명데이터시트상세설명
logo
Analog Devices
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7125 AD-ADV7125_16 Datasheet
410Kb / 17P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
ADV7125 AD-ADV7125 Datasheet
264Kb / 12P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. 0
ADV7125 AD-ADV7125_15 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
Rev. C
ADV7125 AD-ADV7125_11 Datasheet
293Kb / 16P
   CMOS, 330 MHz Triple 8-Bit High Speed Video DAC
REV. C
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
225Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com