전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDA7296 데이터시트(PDF) 8 Page - STMicroelectronics

부품명 TDA7296
상세설명  70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7296 데이터시트(HTML) 8 Page - STMicroelectronics

Back Button TDA7296 Datasheet HTML 4Page - STMicroelectronics TDA7296 Datasheet HTML 5Page - STMicroelectronics TDA7296 Datasheet HTML 6Page - STMicroelectronics TDA7296 Datasheet HTML 7Page - STMicroelectronics TDA7296 Datasheet HTML 8Page - STMicroelectronics TDA7296 Datasheet HTML 9Page - STMicroelectronics TDA7296 Datasheet HTML 10Page - STMicroelectronics TDA7296 Datasheet HTML 11Page - STMicroelectronics TDA7296 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
TDA7296
8/15
5
INTRODUCTION
In consumer electronics, an increasing demand has arisen for very high power monolithic audio amplifiers
able to match, with a low cost the performance obtained from the best discrete designs.
The task of realizing this linear integrated circuit in conventional bipolar technology is made extremely dif-
ficult by the occurence of 2nd breakdown phenomenon. It limits the safe operating area (SOA) of the pow-
er devices, and as a consequence, the maximum attainable output power, especially in presence of highly
reactive loads. Moreover, full exploitation of the SOA translates into a substantial increase in circuit and
layout complexity due to the need for sophisticated protection circuits.
To overcome these substantial drawbacks, the use of power MOS devices, which are immune from sec-
ondary breakdown is highly desirable. The device described has therefore been developed in a mixed bi-
polar-MOS high voltage technology called BCD 80.
5.1 Output Stage
The main design task one is confronted with while developing an integrated circuit as a power operational
amplifier, independently of the technology used, is that of realising the output stage. The solution shown
as a principle schematic by Fig 18 represents the DMOS unity-gain output buffer of the TDA7296.
This large-signal, high-power buffer must be capable of handling extremely high current and voltage levels
while maintaining acceptably low harmonic distortion and good behaviour over frequency response; more-
over, an accurate control of quiescent current is required.
A local linearizing feedback, provided by differential amplifier A, is used to fullfil the above requirements,
allowing a simple and effective quiescent current setting. Proper biasing of the power output transistors
alone is however not enough to guarantee the absence of crossover distortion. While a linearization of the
DC transfer characteristic of the stage is obtained, the dynamic behaviour of the system must be taken
into account.
A significant aid in keeping the distortion contributed by the final stage as low as possible is provided by
the compensation scheme, which exploits the direct connection of the Miller capacitor at the amplifier’s
output to introduce a local AC feedback path enclosing the output stage itself.
5.2 Protections
In designing a power IC, particular attention must be reserved to the circuits devoted to protection of the
device from short circuit or overload conditions.
Due to the absence of the 2nd breakdown phenomenon, the SOA of the power DMOS transistors is de-
limited only by a maximum dissipation curve dependent on the duration of the applied stimulus.
In order to fully exploit the capabilities of the power transistors, the protection scheme implemented in this
device combines a conventional SOA protection circuit with a novel local temperature sensing technique
which " dynamically" controls the maximum dissipation.
Figure 18. Principle Schematic of a DMOS Unity-gain Buffer.


유사한 부품 번호 - TDA7296

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
283Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296AV STMICROELECTRONICS-TDA7296AV Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296HS STMICROELECTRONICS-TDA7296HS Datasheet
283Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
More results

유사한 설명 - TDA7296

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
TDA7296A STMICROELECTRONICS-TDA7296A Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296 Datasheet
241Kb / 13P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296 STMICROELECTRONICS-TDA7296_05 Datasheet
283Kb / 15P
   70V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7296S STMICROELECTRONICS-TDA7296S Datasheet
248Kb / 11P
   60V - 60W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293_03 Datasheet
425Kb / 15P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7295S STMICROELECTRONICS-TDA7295S Datasheet
337Kb / 13P
   80V - 80W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S_05 Datasheet
287Kb / 16P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294S STMICROELECTRONICS-TDA7294S Datasheet
339Kb / 13P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7294 STMICROELECTRONICS-TDA7294 Datasheet
372Kb / 16P
   100V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
TDA7293 STMICROELECTRONICS-TDA7293 Datasheet
342Kb / 13P
   120V - 100W DMOS AUDIO AMPLIFIER WITH MUTE/ST-BY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com