전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM2940CS-9.0 데이터시트(PDF) 3 Page - Texas Instruments

부품명 LM2940CS-9.0
상세설명  LM2940-N/LM2940C 1A Low Dropout Regulator
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

LM2940CS-9.0 데이터시트(HTML) 3 Page - Texas Instruments

  LM2940CS-9.0 Datasheet HTML 1Page - Texas Instruments LM2940CS-9.0 Datasheet HTML 2Page - Texas Instruments LM2940CS-9.0 Datasheet HTML 3Page - Texas Instruments LM2940CS-9.0 Datasheet HTML 4Page - Texas Instruments LM2940CS-9.0 Datasheet HTML 5Page - Texas Instruments LM2940CS-9.0 Datasheet HTML 6Page - Texas Instruments LM2940CS-9.0 Datasheet HTML 7Page - Texas Instruments LM2940CS-9.0 Datasheet HTML 8Page - Texas Instruments LM2940CS-9.0 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
LM2940-N, LM2940C
www.ti.com
SNVS769I – MARCH 2000 – REVISED APRIL 2013
Absolute Maximum Ratings
(1) (2)
LM2940-N KTT, NFE, NAC, NDE, DCY
≤ 100 ms
60V
LM2940C KTT, NDE
≤ 1 ms
45V
Internal Power Dissipation(3)
Internally Limited
Maximum Junction Temperature
150°C
Storage Temperature Range
−65°C ≤ TJ ≤ +150°C
TO-220 (NDE), Wave
260°C, 10s
DDPAK/ TO-263 (KTT)
235°C, 30s
Soldering Temperature (4)
SOT-223 (DCY)
260°C, 30s
WSON-8 (NGN)
235°C, 30s
ESD Susceptibility (5)
2 kV
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are conditions under which
the device functions but the specifications might not be ensured. For ensured specifications and test conditions see the Electrical
Characteristics.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction-to-ambient thermal
resistance,
θJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die
temperature, and the regulator will go into thermal shutdown. The value of
θJA (for devices in still air with no heatsink) is 60°C/W for the
TO-220 package, 80°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. The effective value of
θJA can be
reduced by using a heatsink (see Application Hints for specific information on heatsinking). The value of
θJA for the WSON package is
specifically dependent on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance
and power dissipation for the WSON package, refer to Application Note AN-1187 (SNOA401). It is recommended that 6 vias be placed
under the center pad to improve thermal performance.
(4)
Refer to JEDEC J-STD-020C for surface mount device (SMD) package reflow profiles and conditions. Unless otherwise stated, the
temperature and time are for Sn-Pb (STD) only.
(5)
ESD rating is based on the human body model, 100 pF discharged through 1.5 k
Ω.
Operating Conditions
(1)
Input Voltage
26V
LM2940-N NDE, LM2940-N KTT
−40°C ≤ TJ ≤ 125°C
LM2940C NDE, LM2940C KTT
0°C
≤ TJ ≤ 125°C
Temperature Range
LM2940-N DCY
−40°C ≤ TA ≤ 85°C
LM2940-N NFE, LM2940-N NAC
−55°C ≤ TJ ≤ 125°C
LM2940-N NGN
−40°C ≤ TJ ≤ 125°C
(1)
Absolute Maximum Ratings are limits beyond which damage to the device may occur. Operating Conditions are conditions under which
the device functions but the specifications might not be ensured. For ensured specifications and test conditions see the Electrical
Characteristics.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2940-N LM2940C


유사한 부품 번호 - LM2940CS-9.0

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM2940CS-9.0 NSC-LM2940CS-9.0 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940CS-9.0/NOPB TI1-LM2940CS-9.0/NOPB Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
More results

유사한 설명 - LM2940CS-9.0

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM2940-N TI1-LM2940-N Datasheet
461Kb / 22P
[Old version datasheet]   LM2940/LM2940C 1A Low Dropout Regulator
logo
List of Unclassifed Man...
EP1117 ETC1-EP1117 Datasheet
245Kb / 8P
   1A Low Dropout Regulator
logo
National Semiconductor ...
LM2940 NSC-LM2940 Datasheet
504Kb / 19P
   1A Low Dropout Regulator
logo
Global Mixed-mode Techn...
AT9910 GMT-AT9910 Datasheet
63Kb / 1P
   1A Low Dropout Regulator
AT9911 GMT-AT9911 Datasheet
64Kb / 1P
   1A Low Dropout Regulator
logo
Texas Instruments
LM2940-N TI1-LM2940-N_16 Datasheet
2Mb / 37P
[Old version datasheet]   1A Low Dropout Regulator
LM2940QML TI1-LM2940QML_16 Datasheet
390Kb / 17P
[Old version datasheet]   1A Low Dropout Regulator
logo
National Semiconductor ...
MNLM2940-12-X NSC-MNLM2940-12-X Datasheet
265Kb / 14P
   1A LOW DROPOUT REGULATOR
logo
Texas Instruments
REG104-25 TI1-REG104-25 Datasheet
845Kb / 23P
[Old version datasheet]   1A Low-Dropout Regulator
logo
Advanced Monolithic Sys...
AMS317 ADMOS-AMS317 Datasheet
78Kb / 8P
   1A LOW DROPOUT VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com