전자부품 데이터시트 검색엔진 |
|
LM2672MX-12 데이터시트(PDF) 2 Page - Texas Instruments |
|
LM2672MX-12 데이터시트(HTML) 2 Page - Texas Instruments |
2 / 16 page LM2731"Y" L1 / 1.5 PH R3 51K C1 4.7PF C2 4.7PF R2 120 D1 MBR0520 WHITE LED's VIN SW FB GND SHDN B1 LI-ION 3.3 - 4.2V FLASH ENABLE 0 LM2731 ³;´ SW FB GND VIN SHDN U1 R3 51K SHDN GND 3.3 VIN C1 2.2PF R2 13.3K CF 330pF D1 MBR0520 R1/84K L1/10PH C2 4.7PF D2 D3 D4 D5 R4 R5 9V OUT 240mA (typ) Efficiency vs Load Current LOAD (mA) 0 50 100 150 200 250 0 10 20 30 40 50 60 70 80 90 100 300 3.3 -9V ^y_ s Œ•]}v Efficiency vs Load Current LOAD (mA) 0 10 20 30 40 50 60 70 80 90 100 0 50 100 150 200 250 3.3 -12V Boost ^z_ s Œ•]}v LM2731 ³<´ SW FB GND VIN SHDN U1 R3 51K SHDN GND 3.3 VIN C1 2.2PF R2 13.3K CF 270pF D1 MBR0520 R1/117K L1/6.8PH C2 10PF 12V OUT 230mA (TYP) TI Confidential - NDA Restrictions LM2731 SNVS217F – MAY 2004 – REVISED NOVEMBER 2012 www.ti.com Figure 1. White LED Flash Application Connection Diagram Top View Figure 2. 5-Lead SOT-23 Package See Package Number DBV0005A 2 Submit Documentation Feedback Copyright © 2004–2012, Texas Instruments Incorporated Product Folder Links: LM2731 |
유사한 부품 번호 - LM2672MX-12 |
|
유사한 설명 - LM2672MX-12 |