전자부품 데이터시트 검색엔진 |
|
LM2940T-5.0 데이터시트(PDF) 7 Page - Texas Instruments |
|
|
LM2940T-5.0 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 35 page LM2940-N, LM2940C www.ti.com SNVS769I – MARCH 2000 – REVISED APRIL 2013 Electrical Characteristics (continued) VIN = VO + 5V, IO = 1A, CO = 22 μF, unless otherwise specified. Boldface limits apply over the entire operating temperature range of the indicated device. All other specifications apply for TA = TJ = 25°C. Output Voltage (VO) 12V 15V Parameter Conditions Typ LM2940-N LM2940- Typ LM2940-N LM2940- Units Limit (1) N/833 Limit (1) N/833 Limit (2) Limit (2) Ripple Rejection fO = 120 Hz, 1 Vrms, IO = 100 mA LM2940-N 66 54/48 dBMIN LM2940C 66 54 64 52 fO = 1 kHz, 1 Vrms, dBMIN 52/46 48/42 IO = 5 mA Long Term Stability mV/ 48 60 1000 Hr Dropout Voltage IO = 1A 0.5 0.8/1.0 0.7/1.0 0.5 0.8/1.0 0.7/1.0 VMAX IO = 100 mA 110 150/200 150/200 110 150/200 150/200 mVMAX Short Circuit Current See (3) 1.9 1.6 1.6/1.3 1.9 1.6 1.6/1.3 AMIN Maximum Line RO = 100Ω Transient LM2940-N, T ≤ 100 ms 75 60/60 LM2940-N/883, T ≤ 20 ms 40/40 40/40 VMIN LM2940C, T ≤ 1 ms 55 45 55 45 Reverse Polarity RO = 100Ω DC Input Voltage LM2940-N, LM2940-N/883 −30 −15/−15 −15/−15 −15/−15 VMIN LM2940C −30 −15 −30 −15 Reverse Polarity RO = 100Ω Transient Input LM2940-N, T ≤ 100 ms −75 −50/−50 Voltage LM2940-N/883, T ≤ 20 ms −45/−45 −45/−45 VMIN LM2940C, T ≤ 1 ms −55 −45/−45 −55 −45/−45 (3) Output current will decrease with increasing temperature but will not drop below 1A at the maximum specified temperature. Thermal Performance 3-Lead TO-220 4 Thermal Resistance °C/W Junction-to-Case, θ(JC) 3-Lead DDPAK/TO-263 4 3-Lead TO-220 (1) 60 3-Lead DDPAK/TO-263 (1) 80 Thermal Resistance °C/W Junction-to-Ambient, θ(JA) SOT-223(1) 174 8-Lead WSON (1) 35 (1) The maximum allowable power dissipation is a function of the maximum junction temperature, TJ, the junction-to-ambient thermal resistance, θJA, and the ambient temperature, TA. Exceeding the maximum allowable power dissipation will cause excessive die temperature, and the regulator will go into thermal shutdown. The value of θJA (for devices in still air with no heatsink) is 60°C/W for the TO-220 package, 80°C/W for the DDPAK/TO-263 package, and 174°C/W for the SOT-223 package. The effective value of θJA can be reduced by using a heatsink (see Application Hints for specific information on heatsinking). The value of θJA for the WSON package is specifically dependent on PCB trace area, trace material, and the number of layers and thermal vias. For improved thermal resistance and power dissipation for the WSON package, refer to Application Note AN-1187 (SNOA401). It is recommended that 6 vias be placed under the center pad to improve thermal performance. Copyright © 2000–2013, Texas Instruments Incorporated Submit Documentation Feedback 7 Product Folder Links: LM2940-N LM2940C |
유사한 부품 번호 - LM2940T-5.0 |
|
유사한 설명 - LM2940T-5.0 |