전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25W256 데이터시트(PDF) 11 Page - Cypress Semiconductor

부품명 FM25W256
상세설명  256Kb Wide Voltage SPI F-RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25W256 데이터시트(HTML) 11 Page - Cypress Semiconductor

Back Button FM25W256_13 Datasheet HTML 6Page - Cypress Semiconductor FM25W256_13 Datasheet HTML 7Page - Cypress Semiconductor FM25W256_13 Datasheet HTML 8Page - Cypress Semiconductor FM25W256_13 Datasheet HTML 9Page - Cypress Semiconductor FM25W256_13 Datasheet HTML 10Page - Cypress Semiconductor FM25W256_13 Datasheet HTML 11Page - Cypress Semiconductor FM25W256_13 Datasheet HTML 12Page - Cypress Semiconductor FM25W256_13 Datasheet HTML 13Page - Cypress Semiconductor FM25W256_13 Datasheet HTML 14Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
FM25W256 - 256Kb SPI F-RAM
Document Number: 001-84506 Rev. **
Page 11 of 14
Serial Data Bus Timing
S
C
D
Q
1/tCK
tCL
tCH
tCSH
tODV
tOH
tOD
tCSU
tSU
tH
tD
tR
tF
/HOLD Timing
S
C
Q
HOLD
tHS
tHH
tHZ
tLZ
tHS
tHH
Power Cycle Timing
VDD min.
VDD
CS
tVR
tPD
tPU
tVF
Power Cycle Timing (TA = -40 C to + 85 C, VDD = 2.7V to 5.5V unless otherwise specified)
Symbol
Parameter
Min
Max
Units
Notes
tPU
VDD(min) to First Access Start
1
-
ms
tPD
Last Access Complete to VDD(min)
0
-
s
tVR
VDD Rise Time
30
-
s/V
1
tVF
VDD Fall Time
30
-
s/V
1
Notes
1.
Slope measured at any point on VDD waveform.


유사한 부품 번호 - FM25W256_13

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FM25W256-G ETC1-FM25W256-G Datasheet
142Kb / 13P
   256Kb FRAM Wide Voltage Serial Memory
logo
Ramtron International C...
FM25W256-G RAMTRON-FM25W256-G Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
logo
Cypress Semiconductor
FM25W256-G CYPRESS-FM25W256-G Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM25W256-GTR RAMTRON-FM25W256-GTR Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
More results

유사한 설명 - FM25W256_13

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM25W256 CYPRESS-FM25W256 Datasheet
453Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM25W256-G CYPRESS-FM25W256-G Datasheet
416Kb / 16P
   256Kb Wide Voltage SPI F-RAM
logo
Ramtron International C...
FM25W256 RAMTRON-FM25W256 Datasheet
297Kb / 13P
   256Kb Wide Voltage SPI F-RAM
FM18W08 RAMTRON-FM18W08 Datasheet
333Kb / 11P
   256Kb Wide Voltage Bytewide F-RAM
logo
Cypress Semiconductor
FM24W256 CYPRESS-FM24W256 Datasheet
356Kb / 14P
   256Kb Wide Voltage Serial F-RAM
logo
Ramtron International C...
FM24W256 RAMTRON-FM24W256 Datasheet
231Kb / 13P
   256Kb Wide Voltage Serial F-RAM
logo
Cypress Semiconductor
FM18W08 CYPRESS-FM18W08 Datasheet
325Kb / 12P
   256Kb Wide Voltage Bytewide F-RAM
logo
Ramtron International C...
FM24V02 RAMTRON-FM24V02 Datasheet
200Kb / 15P
   256Kb Serial 3V F-RAM Memory
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com