전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM28V102-TG 데이터시트(PDF) 8 Page - Cypress Semiconductor

부품명 FM28V102-TG
상세설명  1Mbit (64Kx16)F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V102-TG 데이터시트(HTML) 8 Page - Cypress Semiconductor

Back Button FM28V102-TG Datasheet HTML 4Page - Cypress Semiconductor FM28V102-TG Datasheet HTML 5Page - Cypress Semiconductor FM28V102-TG Datasheet HTML 6Page - Cypress Semiconductor FM28V102-TG Datasheet HTML 7Page - Cypress Semiconductor FM28V102-TG Datasheet HTML 8Page - Cypress Semiconductor FM28V102-TG Datasheet HTML 9Page - Cypress Semiconductor FM28V102-TG Datasheet HTML 10Page - Cypress Semiconductor FM28V102-TG Datasheet HTML 11Page - Cypress Semiconductor FM28V102-TG Datasheet HTML 12Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
FM28V102 - 64Kx16 F-RAM
Document Number: 001-86601 Rev. **
Page 8 of 16
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings
Symbol
Description
Ratings
VDD
Power Supply Voltage with respect to VSS
-1.0V to +4.5V
VIN
Voltage on any signal pin with respect to VSS
-1.0V to +4.5V and
VIN < VDD+1V
TSTG
Storage Temperature
-55 C to +125 C
TLEAD
Lead Temperature (Soldering, 10 seconds)
260 C
VESD
Electrostatic Discharge Voltage
- Human Body Model (AEC-Q100-002 Rev. E)
- Charged Device Model (AEC-Q100-011 Rev. B)
- Machine Model (AEC-Q100-003 Rev. E)
TBD
TBD
TBD
Package Moisture Sensitivity Level
MSL-3
Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating
only, and the functional operation of the device at these or any other conditions above those listed in the operational section of this
specification is not implied. Exposure to absolute maximum ratings conditions for extended periods may affect device reliability.
DC Operating Conditions (TA = -40 C to + 85 C, VDD = 2.0V to 3.6V unless otherwise specified)
Symbol
Parameter
Min
Typ
Max
Units
Notes
VDD
Power Supply
2.0
3.3
3.6
V
IDD
VDD Supply Current
7
12
mA
1
ISB
Standby Current
@
TA = 25°C
@
TA = 85°C
120
-
150
250
A
A
2
IZZ
Sleep Mode Current
@ TA = 25°C
@ TA = 85°C
3
-
5
8
A
A
3
ILI
Input Leakage Current
1
A
4
ILO
Output Leakage Current
1
A
4
VIH1
Input High Voltage (VDD=2.7V to 3.6V)
2.2
VDD + 0.3
V
VIH2
Input High Voltage (VDD=2.0V to 2.7V)
0.7*VDD
-
V
VIL1
Input Low Voltage (VDD=2.7V to 3.6V)
-0.3
0.8
V
VIL2
Input Low Voltage (VDD=2.0V to 2.7V)
-0.3
0.3*VDD
V
VOH1
Output High Voltage (IOH = -1 mA, VDD>2.7V)
2.4
V
VOH2
Output High Voltage (IOH = -100 A)
VDD-0.2
V
VOL1
Output Low Voltage (IOL = 2 mA, VDD>2.7V)
0.4
V
VOL2
Output Low Voltage (IOL = 150 A)
0.2
V
RIN
Address Input Resistance (/ZZ)
For VIN = VIH (min)
For VIN = VIL (max)
40
1
K
M
5
Notes
1.
VDD = 3.6V, /CE cycling at min. cycle time. All inputs toggling at CMOS levels (0.2V or VDD-0.2V), all DQ pins unloaded.
2.
VDD = 3.6V, /CE at VDD, All other pins are static and at CMOS levels (0.2V or VDD-0.2V), /ZZ is high.
3.
VDD = 3.6V, /ZZ is low, all other inputs at CMOS levels (0.2V or VDD-0.2V).
4.
VIN, VOUT between VDD and VSS.
5.
The input pull-up circuit is stronger (>40K ) when the input voltage is above VIH and weak (>1M ) when the input
voltage is below VIL.


유사한 부품 번호 - FM28V102-TG

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM28V102A CYPRESS-FM28V102A Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
FM28V102A-TG CYPRESS-FM28V102A-TG Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
FM28V102A-TGTR CYPRESS-FM28V102A-TGTR Datasheet
367Kb / 20P
   1-Mbit (64 K 횞 16) F-RAM Memory
More results

유사한 설명 - FM28V102-TG

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com