전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM28V202 데이터시트(PDF) 6 Page - Cypress Semiconductor

부품명 FM28V202
상세설명  2Mbit (128Kx16)F-RAM Memory
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V202 데이터시트(HTML) 6 Page - Cypress Semiconductor

Back Button FM28V202 Datasheet HTML 2Page - Cypress Semiconductor FM28V202 Datasheet HTML 3Page - Cypress Semiconductor FM28V202 Datasheet HTML 4Page - Cypress Semiconductor FM28V202 Datasheet HTML 5Page - Cypress Semiconductor FM28V202 Datasheet HTML 6Page - Cypress Semiconductor FM28V202 Datasheet HTML 7Page - Cypress Semiconductor FM28V202 Datasheet HTML 8Page - Cypress Semiconductor FM28V202 Datasheet HTML 9Page - Cypress Semiconductor FM28V202 Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
FM28V202 - 128Kx16 F-RAM
Document Number: 001-86602 Rev. **
Page 6 of 18
requires an exact inversion of the data byte. A flow
chart of the entire write protect operation is shown in
Figure 2. The write-protect settings are nonvolatile.
The factory default: all blocks are unprotected.
Normal Memory
Operation
Read 12555h?
Read
1DAAAh?
Any other
operation
Read 01333h?
Read
0ECCCh?
Read 000FFh?
Read 1FF00?
Hold Data Byte
Write 0ECCC?
Data
Complement?
y
n
n
n
n
n
y
y
y
y
y
n
y
Write 1DAAA?
y
Write 0FF00?
y
n
Enter new write
protect settings
n
Read 1AAAA?
Write 0ECCC?
y
Drive write protect
data out
Read 00000?
n
y
n
Change Write Protect
Settings
Read Write Protect
Settings
Sequence Detector
Read 00000?
Figure 2. Write-Protect State Machine
For example, the following sequence write-protects addresses from 0C000h to 13FFFh (sectors 3 & 4):
Address
Data
Read
12555h
-
Read
1DAAAh
-
Read
01333h
-
Read
0ECCCh
-
Read
000FFh
-
Read
1FF00h
-
Write 1DAAAh
18h
; bits 3 & 4 = 1
Write 0ECCCh
E7h
; complement of 18h
Write 0FF00h
-
; Data is don’t care
Read
00000h
-
; return to Normal Operation


유사한 부품 번호 - FM28V202

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM28V202A CYPRESS-FM28V202A Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM28V202A-TG CYPRESS-FM28V202A-TG Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
FM28V202A-TGTR CYPRESS-FM28V202A-TGTR Datasheet
503Kb / 22P
   2-Mbit (128 K 횞 16) F-RAM Memory
More results

유사한 설명 - FM28V202

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16 Datasheet
217Kb / 14P
   2Mbit F-RAM Memory
FM21L16 RAMTRON-FM21L16_11 Datasheet
292Kb / 15P
   2Mbit F-RAM Memory
logo
Cypress Semiconductor
FM21LD16 CYPRESS-FM21LD16 Datasheet
438Kb / 15P
   2Mbit F-RAM Memory
logo
Ramtron International C...
FM21LD16 RAMTRON-FM21LD16_11 Datasheet
277Kb / 15P
   2Mbit F-RAM Memory
FM22LD16 RAMTRON-FM22LD16_09 Datasheet
215Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM22LD16 CYPRESS-FM22LD16 Datasheet
434Kb / 14P
   4Mbit F-RAM Memory
FM22LD16 CYPRESS-FM22LD16_13 Datasheet
424Kb / 15P
   4Mbit F-RAM Memory
logo
Ramtron International C...
FM21L16 RAMTRON-FM21L16 Datasheet
224Kb / 14P
   2Mbit FRAM Memory
FM22LD16 RAMTRON-FM22LD16 Datasheet
211Kb / 14P
   4Mbit F-RAM Memory
logo
Cypress Semiconductor
FM23MLD16 CYPRESS-FM23MLD16 Datasheet
220Kb / 13P
   8Mbit F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com