전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM31L278 데이터시트(PDF) 1 Page - Cypress Semiconductor

부품명 FM31L278
상세설명  3V Integrated Processor Companion with F-RAM
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM31L278 데이터시트(HTML) 1 Page - Cypress Semiconductor

  FM31L278 Datasheet HTML 1Page - Cypress Semiconductor FM31L278 Datasheet HTML 2Page - Cypress Semiconductor FM31L278 Datasheet HTML 3Page - Cypress Semiconductor FM31L278 Datasheet HTML 4Page - Cypress Semiconductor FM31L278 Datasheet HTML 5Page - Cypress Semiconductor FM31L278 Datasheet HTML 6Page - Cypress Semiconductor FM31L278 Datasheet HTML 7Page - Cypress Semiconductor FM31L278 Datasheet HTML 8Page - Cypress Semiconductor FM31L278 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
FM33256B
3V Integrated Processor Companion with F-RAM
This product conforms to specifications per the terms of the Ramtron
standard warranty. The product has completed Ramtron’s
internal qualification testing and has reached production status.
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134-1709
408-943-2600
Document Number: 001-86213 Rev. **
Revised February 25, 2013
Features
High Integration Device Replaces Multiple Parts
Serial Nonvolatile Memory
Real-time Clock (RTC) with Alarm
Low VDD Detection Drives Reset
Watchdog Window Timer
Early Power-Fail Warning/NMI
16-bit Nonvolatile Event Counter
Serial Number with Write-lock for Security
Ferroelectric Nonvolatile RAM
256Kb F-RAM
High Endurance 100 Trillion (10
14) Read/Writes
38 year Data Retention (+75C)
NoDelay™ Writes
Real-time Clock/Calendar
Backup Current at 2V, 1.15 A (max.) at +25C
Seconds through Centuries in BCD format
Tracks Leap Years through 2099
Uses Standard 32.768 kHz Crystal
Software Calibration
Supports Battery or Capacitor Backup
Processor Companion
Active-low Reset Output for VDD and Watchdog
Programmable Low-VDD Reset Thresholds
Manual Reset Filtered and Debounced
Programmable Watchdog Window Timer
Nonvolatile Event Counter Tracks System
Intrusions or other Events
Comparator for Power-Fail Interrupt or Other Use
64-bit Programmable Serial Number with Lock
Fast SPI Interface
Up to 16 MHz Maximum Bus Frequency
RTC, Supervisor Controlled via SPI Interface
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Easy to Use Configuration
Operates from 2.7 to 3.6V
Small Footprint “Green” 14-pin SOIC (-G)
Low Operating Current
-40C to +85C Operation
Underwriters Laboratory (UL) Recognized
Description
The FM33256B device integrates F-RAM memory
with the most commonly needed functions for
processor-based systems. Major features include
nonvolatile memory, real-time clock, low-VDD reset,
watchdog timer, nonvolatile event counter, lockable
64-bit serial number area, and general purpose
comparator that can be used for a power-fail (NMI)
interrupt or other purpose. The device operate from
2.7 to 3.6V.
The FM33256B provides 256Kb memory capacity of
nonvolatile F-RAM. Fast write speed and unlimited
endurance allow the memory to serve as extra RAM
or conventional nonvolatile storage. This memory is
truly nonvolatile rather than battery backed.
The real-time clock (RTC) provides time and date
information in BCD format. It can be permanently
powered from external backup voltage source, either
a battery or a capacitor. The timekeeper uses a
common external 32.768 kHz crystal and provides a
calibration mode that allows software adjustment of
timekeeping accuracy.
The processor companion includes commonly needed
CPU
support
functions.
Supervisory
functions
include a reset output signal controlled by either a
low VDD condition or a watchdog timeout. /RST goes
active when VDD drops below a programmable
threshold and remains active for 100 ms (max.) after
VDD rises above the trip point. A programmable
watchdog timer runs from 60 ms to 1.8 seconds. The
timer may also be programmed for a delayed start,
which functions as a window timer. The watchdog
timer is optional, but if enabled it will assert the reset
signal for 100 ms if not restarted by the host within
the time window. A flag-bit indicates the source of
the reset.
A comparator on PFI compares an external input pin
to the onboard 1.5V reference. This is useful for
generating a power-fail interrupt (NMI) but can be
used for any purpose. The family also includes a
programmable 64-bit serial number that can be
locked making it unalterable. Additionally it offers an
event counter that tracks the number of rising or
falling edges detected on a dedicated input pin. The
counter can be programmed to be non-volatile under
VDD power or battery-backed using only VBAK. If
VBAK is connected to a battery or capacitor, then
events will be counted even in the absence of VDD.


유사한 부품 번호 - FM31L278

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L278 CYPRESS-FM31L278 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278-G RAMTRON-FM31L278-G Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
More results

유사한 설명 - FM31L278

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM33256B RAMTRON-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Cypress Semiconductor
FM33256B CYPRESS-FM33256B Datasheet
620Kb / 29P
   3V Integrated Processor Companion with F-RAM
logo
Ramtron International C...
FM31L278 RAMTRON-FM31L278 Datasheet
330Kb / 25P
   3V Integrated Processor Companion with Memory
FM32L278 RAMTRON-FM32L278 Datasheet
275Kb / 21P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256 Datasheet
316Kb / 28P
   3V Integrated Processor Companion with Memory
FM33256 RAMTRON-FM33256_09 Datasheet
319Kb / 28P
   3V Integrated Processor Companion with Memory
FM31L278 RAMTRON-FM31L278_11 Datasheet
461Kb / 26P
   3V Integrated Processor Companion with Memory
logo
Cypress Semiconductor
FM31L276 CYPRESS-FM31L276 Datasheet
628Kb / 36P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
FM3164-GTR CYPRESS-FM3164-GTR Datasheet
579Kb / 33P
   64-Kbit/256-Kbit Integrated Processor Companion with F-RAM
logo
List of Unclassifed Man...
FM3104 ETC1-FM3104 Datasheet
252Kb / 22P
   Integrated Processor Companion with Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com