전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM1608B 데이터시트(PDF) 5 Page - Cypress Semiconductor

부품명 FM1608B
상세설명  64Kb Bytewide 5V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM1608B 데이터시트(HTML) 5 Page - Cypress Semiconductor

  FM1608B Datasheet HTML 1Page - Cypress Semiconductor FM1608B Datasheet HTML 2Page - Cypress Semiconductor FM1608B Datasheet HTML 3Page - Cypress Semiconductor FM1608B Datasheet HTML 4Page - Cypress Semiconductor FM1608B Datasheet HTML 5Page - Cypress Semiconductor FM1608B Datasheet HTML 6Page - Cypress Semiconductor FM1608B Datasheet HTML 7Page - Cypress Semiconductor FM1608B Datasheet HTML 8Page - Cypress Semiconductor FM1608B Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
FM1608B – 64Kb Bytewide 5V F-RAM
Document Number: 001-86211 Rev. *A
Page 5 of 14
A second design consideration relates to the level of
VDD during operation. Battery-backed SRAMs are
forced to monitor VDD in order to switch to battery
backup. They typically block user access below a
certain VDD level in order to prevent loading the
battery with current demand from an active SRAM.
The user can be abruptly cut off from access to the
nonvolatile memory in a power down situation with
no warning or indication.
F-RAM memories do not need this system overhead.
The memory will not block access at any VDD level
that complies with the specified operating range. The
user should take measures to prevent the processor
from accessing memory when VDD is out-of-
tolerance. The common design practice of holding a
processor in reset during powerdown may be
sufficient.
It is recommended that Chip Enable is
pulled high and allowed to track VDD during powerup
and powerdown cycles. It is the user’s responsibility
to ensure that chip enable is high to prevent accesses
below VDD min. (4.5V).
Figure 3 shows a pullup
resistor on /CE which will keep the pin high during
power cycles assuming the MCU/MPU pin tri-states
during the reset condition. The pullup resistor value
should be chosen to ensure the /CE pin tracks VDD yet
a high enough value that the current drawn when /CE
is low is not an issue.
Figure 3. Use of Pullup Resistor on /CE
CE
WE
OE
A(12:0)
DQ
FM1608B
VDD
MCU/
MPU
R


유사한 부품 번호 - FM1608B

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
FM1608B-SG RAMTRON-FM1608B-SG Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
More results

유사한 설명 - FM1608B

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com