전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FM25640B 데이터시트(PDF) 1 Page - Cypress Semiconductor

부품명 FM25640B
상세설명  64Kb Serial 5V F-RAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CYPRESS [Cypress Semiconductor]
홈페이지  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25640B 데이터시트(HTML) 1 Page - Cypress Semiconductor

  FM25640B_13 Datasheet HTML 1Page - Cypress Semiconductor FM25640B_13 Datasheet HTML 2Page - Cypress Semiconductor FM25640B_13 Datasheet HTML 3Page - Cypress Semiconductor FM25640B_13 Datasheet HTML 4Page - Cypress Semiconductor FM25640B_13 Datasheet HTML 5Page - Cypress Semiconductor FM25640B_13 Datasheet HTML 6Page - Cypress Semiconductor FM25640B_13 Datasheet HTML 7Page - Cypress Semiconductor FM25640B_13 Datasheet HTML 8Page - Cypress Semiconductor FM25640B_13 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
This product conforms to specifications per the terms of the Ramtron
standard warranty. The product has completed Ramtron’s
internal qualification testing and has reached production status.
Cypress Semiconductor Corporation
198 Champion Court
San Jose, CA 95134-1709
408-943-2600
Document Number: 001-84468 Rev. *A
Revised March 07, 2013
FM25640B
64Kb Serial 5V F-RAM Memory
Features
64K bit Ferroelectric Nonvolatile RAM
Organized as 8,192 x 8 bits
High Endurance 1 Trillion (10
12) Read/Writes
38 Year Data Retention
NoDelay™ Writes
Advanced high-reliability ferroelectric process
Very Fast Serial Peripheral Interface - SPI
Up to 20 MHz maximum bus frequency
Direct hardware replacement for EEPROM
SPI Mode 0 & 3 (CPOL, CPHA=0,0 & 1,1)
Sophisticated Write Protection Scheme
Hardware Protection
Software Protection
Low Power Consumption
250 A Active Current (1 MHz)
4 A (typ.) Standby Current
Industry Standard Configuration
Industrial Temperature -40C to +85C
8-pin “Green”/RoHS SOIC (-G)
Description
The FM25640B is a 64-kilobit nonvolatile memory
employing an advanced ferroelectric process. A
ferroelectric random access memory or F-RAM is
nonvolatile but operates in other respects as a RAM.
It provides reliable data retention for 38 years while
eliminating the complexities, overhead, and system
level reliability problems caused by EEPROM and
other nonvolatile memories.
The FM25640B performs write operations at bus
speed. No write delays are incurred. Data is written to
the memory array immediately after it has been
successfully transferred to the device. The next bus
cycle may commence immediately without the need
for data polling. The FM25640B is capable of
supporting up to 10
12 read/write cycles, or a million
times more write cycles than EEPROM.
These capabilities make the FM25640B ideal for
nonvolatile memory applications requiring frequent
or rapid writes. Examples range from data collection,
where the number of write cycles may be critical, to
demanding industrial controls where the long write
time of EEPROM can cause data loss.
The FM25640B provides substantial benefits to users
of
serial
EEPROM,
in
a
hardware
drop-in
replacement. The FM25640B uses the high-speed SPI
bus, which enhances the high-speed write capability
of
F-RAM
technology.
The
specifications
are
guaranteed over an industrial temperature range of
-40°C to +85°C.
Pin Configuration
Pin Names
Function
/CS
Chip Select
/HOLD
Hold
/WP
Write Protect
SCK
Serial Clock
SI
Serial Data Input
SO
Serial Data Output
VDD
5V
VSS
Ground
Ordering Information
FM25640B-G
“Green”/RoHS 8-pin SOIC
FM25640B-GTR
“Green”/RoHS 8-pin SOIC,
Tape & Reel
CS
SO
WP
VSS
VDD
HOLD
SCK
SI
1
2
3
4
8
7
6
5


유사한 부품 번호 - FM25640B_13

제조업체부품명데이터시트상세설명
logo
Ramtron International C...
FM25640B-G RAMTRON-FM25640B-G Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B-GTR RAMTRON-FM25640B-GTR Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM25640B-GTR CYPRESS-FM25640B-GTR Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
More results

유사한 설명 - FM25640B_13

제조업체부품명데이터시트상세설명
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B_13 Datasheet
352Kb / 15P
   64Kb Serial 5V F-RAM Memory
logo
Ramtron International C...
FM25640B RAMTRON-FM25640B Datasheet
213Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640C RAMTRON-FM25640C Datasheet
321Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM24C64B RAMTRON-FM24C64B Datasheet
293Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM24C64C RAMTRON-FM24C64C Datasheet
274Kb / 12P
   64Kb Serial 5V F-RAM Memory
logo
Cypress Semiconductor
FM24C64B CYPRESS-FM24C64B Datasheet
347Kb / 12P
   64Kb Serial 5V F-RAM Memory
FM25640B-G CYPRESS-FM25640B-G Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM25640B CYPRESS-FM25640B Datasheet
441Kb / 13P
   64Kb Serial 5V F-RAM Memory
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com