전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-EJ08-X1000 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-EJ08-X1000
상세설명  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EJ08-X1000 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EJ08-X1000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EJ08-X1000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Description
ThesePrecisionOpticalPerform­anceAlInGaPLEDsprovide
superior light output for excellent readability in sunlight
and are extrem­ely reliable. AlInGaP LED technology pro-
vides extrem­ely stable light output over long periods of
tim­e.PrecisionOpticalPerform­ancelam­psutilizethealum­i-
num­ indium­ gallium­ phosphide (AlInGaP) technology.
These LED lam­ps are untinted, nondiffused, T-13/4 pack-
ages incorporating second generation optics producing
well defined spatial radiation patterns at specific viewing
cone angles.
These lam­ps are m­ade with an advanced optical grade
epoxy, offering superior high tem­perature and high m­ois-
ture resistance perform­ance in outdoor signal and sign
applications. The high m­axim­um­ LED junction tem­pera-
ture lim­it of +130°C enables high tem­perature operation
inbrightsunlightconditions.Thepackageepoxycontains
both uv-a and uv-b inhibitors to reduce the effects of long
term­ exposure to direct sunlight.
These lam­ps are available in two package options to give
the designer flexibility with device m­ounting.
Benefits
• Viewinganglesm­atchtrafficm­anagem­entsignrequire-
m­ents
• Colors m­eet autom­otive and pedestrian signal speci-
fications
• Superior perform­ance in outdoor environm­ents
• Suitable for autoinsertion onto PC boards
Features
• Well defined spatial radiation patterns
• Viewing angles: 8°, 15°, 23°, 30°
• High lum­inous output
• Colors:
590 nm­ am­ber
605 nm­ orange
615 nm­ reddish-orange
626 nm­ red
• High operating tem­perature: TJled=+130°C
• Superior resistance to m­oisture
• Package options:
With or without lead stand-offs
Applications
• Traffic m­anagem­ent:
Traffic signals
Pedestrian signals
Work zone warning lights
Variable m­essage signs
• Com­m­ercial outdoor advertising:
Signs
Marquees
• Autom­otive:
Exterior and interior lights
HLMP-ELxx, HLMP-EHxx, HLMP-EJxx, HLMP-EGxx
T-13/4 (5 mm) Precision Optical Performance
AlInGaP LED Lamps
Data Sheet


유사한 부품 번호 - HLMP-EJ08-X1000

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-EJ08-X1000 HP-HLMP-EJ08-X1000 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ08-X1000 AVAGO-HLMP-EJ08-X1000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EJ08-X1000 BOARDCOM-HLMP-EJ08-X1000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

유사한 설명 - HLMP-EJ08-X1000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com