전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-EH08-Y2000 데이터시트(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HLMP-EH08-Y2000
상세설명  T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HLMP-EH08-Y2000 데이터시트(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  HLMP-EH08-Y2000 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HLMP-EH08-Y2000 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HLMP-EH08-Y2000 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HLMP-EH08-Y2000 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HLMP-EH08-Y2000 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HLMP-EH08-Y2000 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HLMP-EH08-Y2000 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HLMP-EH08-Y2000 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HLMP-EH08-Y2000 Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
Device Selection Guide
Typical
Color and Dominant
Lamps without
Lamps with Standoffs
Luminous Intensity
Viewing Angle
Wavelength
Standoffs on Leads
on Leads
Iv (mcd)[1,2,5] @ 20 mA
1/2 (Deg.)[4]
(nm), Typ.[3]
(Outline Drawing A)
(Outline Drawing B)
Min.
Max.
15°
Am­ber 590
HLMP-EL17-M0000
520
HLMP-EL15-PS000
880
2500
HLMP-EL15-QSK00
1150
2500
HLMP-EL15-QT000
1150
3200
HLMP-EL15-RU000
1500
4200
HLMP-EL15-TW000
HLMP-EL17-TW000
2500
7200
HLMP-EL15-TWK00
2500
7200
HLMP-EL15-UX000
HLMP-EL17-UX000
3200
9300
HLMP-EL15-VY000
HLMP-EL17-VY000
4200
12000
HLMP-EL15-VYK00
4200
12000
HLMP-EL15-VW000
4200
7200
Orange 605
HLMP-EJ17-QT000
1150
3200
HLMP-EJ15-PS000
880
2500
HLMP-EJ15-RU000
1500
4200
HLMP-EJ15-SV000
HLMP-EJ17-SV000
1900
5500
Red-Orange 615
HLMP-EH15-QT000
1150
3200
HLMP-EH15-RU000
1500
4200
HLMP-EH15-TW000
HLMP-EH17-TW000
2500
7200
HLMP-EH15-UX000
HLMP-EH17-UX000
3200
9300
Red 626
HLMP-EG15-N0000
HLMP-EG17-N0000
680
HLMP-EG15-PS000
880
2500
HLMP-EG15-QT000
HLMP-EG17-QT000
1150
3200
HLMP-EG15-RU000
HLMP-EG17-RU000
1500
4200
HLMP-EG15-UX000
HLMP-EG17-UX000
3200
9300
HLMP-EG15-TW000
HLMP-EG17-TW000
2500
7200
Notes:
1. The lum­inous intensity is m­easured on the m­echanical axis of the lam­p package.
2. The optical axis is closely aligned with the package m­echanical axis.
3. The dom­inant wavelength, λd, is derived from­ the CIE Chrom­aticity Diagram­ and represents the color of the lam­p.
4. θ1/2 is the off-axis angle where the lum­inous intensity is half the on-axis intensity.
5. Tolerance for each intensity bin lim­it is ± 15%.


유사한 부품 번호 - HLMP-EH08-Y2000

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HLMP-EH08-Y2000 HP-HLMP-EH08-Y2000 Datasheet
99Kb / 12P
   T-1 (5mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EH08-Y2000 AVAGO-HLMP-EH08-Y2000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-EH08-Y2000 BOARDCOM-HLMP-EH08-Y2000 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
More results

유사한 설명 - HLMP-EH08-Y2000

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EJ30-RU0DD AVAGO-HLMP-EJ30-RU0DD Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMP-EG10-WZ000 AVAGO-HLMP-EG10-WZ000 Datasheet
395Kb / 15P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Agilent(Hewlett-Packard...
HLMPDL24 HP-HLMPDL24 Datasheet
179Kb / 12P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-EL55 AVAGO-HLMP-EL55 Datasheet
240Kb / 10P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
Broadcom Corporation.
HLMP-ELXX BOARDCOM-HLMP-ELXX_V01 Datasheet
736Kb / 18P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
March 12, 2018
HLMP-EL55 BOARDCOM-HLMP-EL55 Datasheet
583Kb / 13P
   T-1¾ (5 mm) Precision Optical Performance AlInGaP LED Lamps
July 16, 2020
logo
Agilent(Hewlett-Packard...
HLMP-DLXX HP-HLMP-DLXX Datasheet
129Kb / 8P
   T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-DL50 AVAGO-HLMP-DL50 Datasheet
56Kb / 4P
   T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps for Variable Message Signs
logo
Agilent(Hewlett-Packard...
HLMP-EL55 HP-HLMP-EL55 Datasheet
688Kb / 6P
   T-1 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
HLMA-CX00 HP-HLMA-CX00 Datasheet
122Kb / 7P
   T-13/4 (5 mm), T-1 (3 mm), High Performance AlInGaP LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com