전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6228DTR 데이터시트(PDF) 9 Page - STMicroelectronics

부품명 L6228DTR
상세설명  DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6228DTR 데이터시트(HTML) 9 Page - STMicroelectronics

Back Button L6228DTR Datasheet HTML 5Page - STMicroelectronics L6228DTR Datasheet HTML 6Page - STMicroelectronics L6228DTR Datasheet HTML 7Page - STMicroelectronics L6228DTR Datasheet HTML 8Page - STMicroelectronics L6228DTR Datasheet HTML 9Page - STMicroelectronics L6228DTR Datasheet HTML 10Page - STMicroelectronics L6228DTR Datasheet HTML 11Page - STMicroelectronics L6228DTR Datasheet HTML 12Page - STMicroelectronics L6228DTR Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
9/26
L6228
Figure 5. Overcurrent Detection Timing Definition
ISOVER
90%
10%
IOUT
VEN
tOCD(OFF)
tOCD(ON)
D02IN1399
ON
OFF
BRIDGE


유사한 부품 번호 - L6228DTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6228D STMICROELECTRONICS-L6228D Datasheet
443Kb / 26P
   DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
More results

유사한 설명 - L6228DTR

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
L6228 STMICROELECTRONICS-L6228 Datasheet
443Kb / 26P
   DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
L6228Q STMICROELECTRONICS-L6228Q Datasheet
384Kb / 32P
   DMOS driver for bipolar stepper motor
L6208QTR STMICROELECTRONICS-L6208QTR Datasheet
837Kb / 34P
   DMOS driver for bipolar stepper motor
L6208PD013TR STMICROELECTRONICS-L6208PD013TR Datasheet
706Kb / 35P
   DMOS driver for bipolar stepper motor
February 2014 Rev 2
L6208Q STMICROELECTRONICS-L6208Q Datasheet
837Kb / 34P
   DMOS driver for bipolar stepper motor
EVAL6208N STMICROELECTRONICS-EVAL6208N Datasheet
469Kb / 27P
   DMOS DRIVER FOR BIPOLAR STEPPER MOTOR
L6228Q STMICROELECTRONICS-L6228Q_10 Datasheet
497Kb / 32P
   DMOS driver for bipolar stepper motor
AN2650 STMICROELECTRONICS-AN2650 Datasheet
691Kb / 26P
   L9942 stepper motor driver for bipolar stepper motors
logo
Allegro MicroSystems
A3982 ALLEGRO-A3982 Datasheet
299Kb / 10P
   DMOS Stepper Motor Driver with Translator
A3982 ALLEGRO-A3982_13 Datasheet
335Kb / 11P
   DMOS Stepper Motor Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com