전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

54FCT244FM 데이터시트(PDF) 2 Page - Rochester Electronics

부품명 54FCT244FM
상세설명  Octal Buffer/Line Driver with TRI-STATE Outputs TTL input and output level compatible
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROCHESTER [Rochester Electronics]
홈페이지  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

54FCT244FM 데이터시트(HTML) 2 Page - Rochester Electronics

  54FCT244FM Datasheet HTML 1Page - Rochester Electronics 54FCT244FM Datasheet HTML 2Page - Rochester Electronics 54FCT244FM Datasheet HTML 3Page - Rochester Electronics 54FCT244FM Datasheet HTML 4Page - Rochester Electronics 54FCT244FM Datasheet HTML 5Page - Rochester Electronics 54FCT244FM Datasheet HTML 6Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
54FCT244
Specification Number 54FCT244-M (N) REV A
Page 2 of 6
Rochester Part Number
OCM Part Number
Package
Temperature
54FCT244DM
54FCT244DM
DIP-20
-55° to +125°C
54FCT244FM
54FCT244FM
FP-20
-55° to +125°C
54FCT244LM
54FCT244LM
LLCC-20
-55° to +125°C
54FCT244DMQB
54FCT244DMQB
DIP-20
-55° to +125°C
54FCT244FMQB
54FCT244FMQB
FP-20
-55° to +125°C
54FCT244LMQB
54FCT244LMQB
LLCC-20
-55° to +125°C
Rochester Ordering Guide


유사한 부품 번호 - 54FCT244FM

제조업체부품명데이터시트상세설명
logo
Texas Instruments
54FCT244FMQB TI-54FCT244FMQB Datasheet
111Kb / 5P
[Old version datasheet]   Octal Buffer/Line Driver with TRI-STATE Outputs
More results

유사한 설명 - 54FCT244FM

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
MN54ABT240 NSC-MN54ABT240 Datasheet
168Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT240-X NSC-MN54ABT240-X Datasheet
184Kb / 11P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
MN54ABT244-X NSC-MN54ABT244-X Datasheet
209Kb / 13P
   OCTAL BUFFER AND LINE DRIVER WITH TRI-STATE OUTPUTS
54ABT240 NSC-54ABT240 Datasheet
134Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC244 NSC-54AC244 Datasheet
136Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT244 NSC-54FCT244 Datasheet
110Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54F540DM NSC-54F540DM Datasheet
166Kb / 8P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54AC541 NSC-54AC541 Datasheet
124Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT240 NSC-54FCT240 Datasheet
129Kb / 6P
   Octal Buffer/Line Driver with TRI-STATE Outputs
54FCT540 NSC-54FCT540 Datasheet
125Kb / 5P
   Octal Buffer/Line Driver with TRI-STATE Outputs
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com