전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD4049UBMB 데이터시트(PDF) 5 Page - Rochester Electronics

부품명 CD4049UBMB
상세설명  CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROCHESTER [Rochester Electronics]
홈페이지  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

CD4049UBMB 데이터시트(HTML) 5 Page - Rochester Electronics

  CD4049UBMB Datasheet HTML 1Page - Rochester Electronics CD4049UBMB Datasheet HTML 2Page - Rochester Electronics CD4049UBMB Datasheet HTML 3Page - Rochester Electronics CD4049UBMB Datasheet HTML 4Page - Rochester Electronics CD4049UBMB Datasheet HTML 5Page - Rochester Electronics CD4049UBMB Datasheet HTML 6Page - Rochester Electronics CD4049UBMB Datasheet HTML 7Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
CD4049/CD4050
Specification Number CD4049_50UB-M-(N) REV -
Page 5 of 7
DC Electrical Characteristics CD4049UBCCD4050BC (Note 2) (Continued)
Symbol
Parameter
Conditions
b40 C
a25 C
a85 C
Units
Min
Max
Min
Typ
Max
Min
Max
IOL
Low Level Output Current
VIH e VDD VIL e 0V
(Note 3)
VDD e 5V VO e 04V
46
40
5
32
mA
VDD e 10V VO e 05V
98
85
12
68
mA
VDD e 15V VO e 15V
29
25
40
20
mA
IOH
High Level Output Current VIH e VDD VIL e 0V
(Note 3)
VDD e 5V VO e 46V
b10
b09
b16
b072
mA
VDD e 10V VO e 95V
b21
b19
b36
b15
mA
VDD e 15V VO e 135V b71
b62
b12
b5
mA
IIN
Input Current
VDD e 15V VIN e 0V
b03
b03 b10b5
b10
mA
VDD e 15V VIN e 15V
03
03
10b5
10
mA
AC Electrical Characteristics CD4049UBMCD4049UBC
TA e 25 C CL e 50 pF RL e 200k tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Propagation Delay Time
VDD e 5V
30
65
ns
High-to-Low Level
VDD e 10V
20
40
ns
VDD e 15V
15
30
ns
tPLH
Propagation Delay Time
VDD e 5V
45
85
ns
Low-to-High Level
VDD e 10V
25
45
ns
VDD e 15V
20
35
ns
tTHL
Transition Time
VDD e 5V
30
60
ns
High-to-Low Level
VDD e 10V
20
40
ns
VDD e 15V
15
30
ns
tTLH
Transition Time
VDD e 5V
60
120
ns
Low-to-High Level
VDD e 10V
30
55
ns
VDD e 15V
25
45
ns
CIN
Input Capacitance
Any Input
15
225
pF
AC Parameters are guaranteed by DC correlated testing
AC Electrical Characteristics CD4050BMCD4050BC
TA e 25 C CL e 50 pF RL e 200k tr e tf e 20 ns unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPHL
Propagation Delay Time
VDD e 5V
60
110
ns
High-to-Low Level
VDD e 10V
25
55
ns
VDD e 15V
20
30
ns
tPLH
Propagation Delay Time
VDD e 5V
60
120
ns
Low-to-High Level
VDD e 10V
30
55
ns
VDD e 15V
25
45
ns
tTHL
Transition Time
VDD e 5V
30
60
ns
High-to-Low Level
VDD e 10V
20
40
ns
VDD e 15V
15
30
ns
tTLH
Transition Time
VDD e 5V
60
120
ns
Low-to-High Level
VDD e 10V
30
55
ns
VDD e 15V
25
45
ns
CIN
Input Capacitance
Any Input
5
75
pF
AC Parameters are guaranteed by DC correlated testing
4


유사한 부품 번호 - CD4049UBMB

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
CD4049UBM NSC-CD4049UBM Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Texas Instruments
CD4049UBM TI-CD4049UBM Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UBM TI1-CD4049UBM Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
CD4049UBM96 TI-CD4049UBM96 Datasheet
1Mb / 38P
[Old version datasheet]   CMOS Hex Buffer Converters
CD4049UBM96 TI1-CD4049UBM96 Datasheet
1Mb / 37P
[Old version datasheet]   CMOS Hex Buffer/Converters
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com