전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AM27C512-200JI 데이터시트(PDF) 4 Page - Rochester Electronics

부품명 AM27C512-200JI
상세설명  512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROCHESTER [Rochester Electronics]
홈페이지  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

AM27C512-200JI 데이터시트(HTML) 4 Page - Rochester Electronics

  AM27C512-200JI Datasheet HTML 1Page - Rochester Electronics AM27C512-200JI Datasheet HTML 2Page - Rochester Electronics AM27C512-200JI Datasheet HTML 3Page - Rochester Electronics AM27C512-200JI Datasheet HTML 4Page - Rochester Electronics AM27C512-200JI Datasheet HTML 5Page - Rochester Electronics AM27C512-200JI Datasheet HTML 6Page - Rochester Electronics AM27C512-200JI Datasheet HTML 7Page - Rochester Electronics AM27C512-200JI Datasheet HTML 8Page - Rochester Electronics AM27C512-200JI Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AM27C512
Specification Number AM27C512-CIM (A) REV A
Page 4 of 11
Rochester Part Number
AMD Part Number
Package
Temperature
AM27C512-255DEB
AM27C512-255DEB
CDIP-28
-55° to +125°C
AM27C512-255DI
AM27C512-255DI
CDIP-28
-40° to +85°C
AM27C512-255DIB
AM27C512-255DIB
CDIP-28
-40° to +85°C
AM27C512-255EC
AM27C512-255EC
TSSOP-32, Plastic
0° to +70°C
AM27C512-255EI
AM27C512-255EI
TSSOP-32, Plastic
-40° to +85°C
AM27C512-255JC
AM27C512-255JC
LDCC-32, Plastic
0° to +70°C
AM27C512-255JI
AM27C512-255JI
LDCC-32, Plastic
-40° to +85°C
AM27C512-255LC
AM27C512-255LC
LLCC-32, Ceramic
0° to +70°C
AM27C512-255LCB
AM27C512-255LCB
LLCC-32, Ceramic
0° to +70°C
AM27C512-255LE
AM27C512-255LE
LLCC-32, Ceramic
-55° to +125°C
AM27C512-255LEB
AM27C512-255LEB
LLCC-32, Ceramic
-55° to +125°C
AM27C512-255LI
AM27C512-255LI
LLCC-32, Ceramic
-40° to +85°C
AM27C512-255LIB
AM27C512-255LIB
LLCC-32, Ceramic
-40° to +85°C
AM27C512-255PC
AM27C512-255PC
PDIP-28
0° to +70°C
AM27C512-255PI
AM27C512-255PI
PDIP-28
-40° to +85°C
Rochester Ordering Guide (continued)


유사한 부품 번호 - AM27C512-200JI

제조업체부품명데이터시트상세설명
logo
Rochester Electronics
AM27C512-200JI ROCHESTER-AM27C512-200JI Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
More results

유사한 설명 - AM27C512-200JI

제조업체부품명데이터시트상세설명
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com