전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5360 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5360
상세설명  16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5360 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5360_08 Datasheet HTML 7Page - Analog Devices AD5360_08 Datasheet HTML 8Page - Analog Devices AD5360_08 Datasheet HTML 9Page - Analog Devices AD5360_08 Datasheet HTML 10Page - Analog Devices AD5360_08 Datasheet HTML 11Page - Analog Devices AD5360_08 Datasheet HTML 12Page - Analog Devices AD5360_08 Datasheet HTML 13Page - Analog Devices AD5360_08 Datasheet HTML 14Page - Analog Devices AD5360_08 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
AD5360/AD5361
Rev. A | Page 11 of 28
Pin No.
Mnemonic
Description
LQFP
LFCSP
38
40
SIGGND0
Reference Ground for DAC 0 to DAC 7. VOUT0 to VOUT7 are referenced to
this voltage.
43, 51
45, 53
DGND
Ground for All Digital Circuitry. Both DGND pins should be connected to the
DGND plane.
44, 50
46, 52
DVCC
Logic Power Supply; 2.5 V to 5.5 V. These pins should be decoupled with 0.1
μF ceramic capacitors and 10 μF capacitors.
45
47
SYNC
Active Low or SYNC Input for SPI Interface. This is the frame synchronization
signal for the SPI serial interface. See
,
, and the
section for more details.
Figure 4 Figure 5
Serial
Interface
46
48
SCLK
Serial Clock Input for SPI Interface. See Figure 4, Figure 5, and the Serial
Interface section for more details.
47
49
SDI
Serial Data Input for SPI Interface. See Figure 4, Figure 5, and the Serial
Interface section for more details.
48
50
PEC
Packet Error Check Output. This is an open-drain output with a 50 kΩ pull-up
that goes low if the packet error check fails.
49
51
SDO
Serial Data Output for SPI Interface. See Figure 4, Figure 5, and the Serial
Interface section for more details.
52
54
AGND
Ground for All Analog Circuitry. The AGND pin should be connected to the
AGND plane.
EP
Connect to VSS
Exposed Paddle.


유사한 부품 번호 - AD5360_08

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
More results

유사한 설명 - AD5360_08

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5360 AD-AD5360 Datasheet
284Kb / 25P
   16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
   16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
   32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5362 AD-AD5362 Datasheet
295Kb / 25P
   8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
Rev. PrF
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
   8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD7849BR AD-AD7849BR Datasheet
351Kb / 20P
   Serial Input, 14-Bit/16-Bit DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com