전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5432YRMZ-REEL 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5432YRMZ-REEL
상세설명  8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5432YRMZ-REEL 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5432YRMZ-REEL Datasheet HTML 7Page - Analog Devices AD5432YRMZ-REEL Datasheet HTML 8Page - Analog Devices AD5432YRMZ-REEL Datasheet HTML 9Page - Analog Devices AD5432YRMZ-REEL Datasheet HTML 10Page - Analog Devices AD5432YRMZ-REEL Datasheet HTML 11Page - Analog Devices AD5432YRMZ-REEL Datasheet HTML 12Page - Analog Devices AD5432YRMZ-REEL Datasheet HTML 13Page - Analog Devices AD5432YRMZ-REEL Datasheet HTML 14Page - Analog Devices AD5432YRMZ-REEL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Data Sheet
AD5426/AD5432/AD5443
Rev. G | Page 11 of 24
FREQUENCY (Hz)
100M
1
100
1k
10
10k
100k
1M
10M
3.5
3.0
2.0
2.5
1.5
1
0.5
0
TA = 25°C
AD5443
LOADING 010101010101
VCC = 5V
VCC = 3V
Figure 24. Supply Current vs. Update Rate
FREQUENCY (Hz)
100M
1
10
100
1k
10k
100k
1M
10M
6
0
–6
–12
–18
–24
–30
–36
–42
–48
–54
–60
–66
–72
–78
–84
–90
–96
–102
LOADING
ZS TO FS
ALL ON
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
ALL OFF
TA = 25°C
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AD8038 AMPLIFIER
Figure 25. Reference Multiplying Bandwidth vs. Frequency and Code
FREQUENCY (Hz)
100M
1
10
100
1k
10k
100k
1M
10M
0.2
0
–0.2
–0.4
–0.6
–0.8
TA = 25°C
VDD = 5V
VREF = ±3.5V
CCOMP = 1.8pF
AD8038 AMPLIFIER
Figure 26. Reference Multiplying Bandwidth—All 1s Loaded
FREQUENCY (Hz)
100M
10k
100k
1M
10M
3
0
–3
–6
–9
TA = 25°C
VDD = 5V
AD8038 AMPLIFIER
VREF = ±2V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1pF
VREF = ±0.15V, AD8038 CC 1.47pF
VREF = ±3.51V, AD8038 CC 1.8pF
VREF = ±2V, AD8038 CC 1.47pF
Figure 27. Reference Multiplying Bandwidth vs. Frequency and
Compensation Capacitor
TIME (ns)
300
0
50
100
150
200
250
0.060
0.030
0.040
0.050
0.010
0.020
–0.010
0
–0.020
TA = 25°C
VREF = 0V
AD8038 AMPLIFIER
CCOMP = 1.8pF
AD5443
VDD 3V, 0V REF
NRG = 0.088nVs
0x800 TO 0x7FF
VDD 5V, 0V REF
NRG = 0.119nVs,
0x800 TO 0x7FF
VDD 3V, 0V REF
NRG = 1.877nVs
0x7FF TO 0x800
VDD 5V, 0V REF
NRG = 2.049nVs
0x7FF TO 0x800
Figure 28. Midscale Transition VREF = 0 V
TIME (ns)
300
0
50
100
150
200
250
–1.70
–1.71
–1.72
–1.73
–1.74
–1.75
–1.76
TA = 25°C
VREF = 3.5V
AD8038 AMPLIFIER
CCOMP = 1.8pF
AD5443
VDD 3V, 3.5V REF
NRG = 0.647nVs
0x800 TO 0x7FF
VDD 5V, 3.5V REF, NRG = 0.364nVs,
0x800 TO 0x7FF
VDD 3V, 3.5V REF
NRG = 1.433nVs
0x7FF TO 0x800
VDD 5V, 3.5V REF
NRG = 1.184nVs
0x7FF TO 0x800
Figure 29. Midscale Transition VREF = 3.5 V


유사한 부품 번호 - AD5432YRMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5432YRM AD-AD5432YRM Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432YRM-REEL AD-AD5432YRM-REEL Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5432YRM-REEL7 AD-AD5432YRM-REEL7 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
More results

유사한 설명 - AD5432YRMZ-REEL

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5426 AD-AD5426 Datasheet
553Kb / 24P
   8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5449YRUZ AD-AD5449YRUZ Datasheet
619Kb / 32P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
REV. C
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5429 AD-AD5429_13 Datasheet
717Kb / 28P
   Dual 8-/10-/12-Bit, High Bandwidth, Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
   8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com