전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD558JNZ 데이터시트(PDF) 8 Page - Analog Devices

부품명 AD558JNZ
상세설명  DACPORT LOW COST, COMPLETE P-COMPATIBLE 8-BIT DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD558JNZ 데이터시트(HTML) 8 Page - Analog Devices

  AD558JNZ Datasheet HTML 1Page - Analog Devices AD558JNZ Datasheet HTML 2Page - Analog Devices AD558JNZ Datasheet HTML 3Page - Analog Devices AD558JNZ Datasheet HTML 4Page - Analog Devices AD558JNZ Datasheet HTML 5Page - Analog Devices AD558JNZ Datasheet HTML 6Page - Analog Devices AD558JNZ Datasheet HTML 7Page - Analog Devices AD558JNZ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
AD558
REV. A
–8–
mA
16
14
4
6
8
1012141618 VOLTS
ICC
VCC
12
10
Figure 15. Quiescent Current vs. Power Supply
Voltage for AD558
Figure 16. AD558 Settling Characteristics Detail
0 V to 2.56 V Output Range Full-Scale Step
Figure 17. AD558 Settling Characteristic Detail
0 V to 10 V Output Range Full-Scale Step
Figure 18. AD558 Logic Timing
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).
N (Plastic) Package
D (Ceramic) Package
P (PLCC) Package


유사한 부품 번호 - AD558JNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD558JNZ AD-AD558JNZ Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
More results

유사한 설명 - AD558JNZ

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD557 AD-AD557_15 Datasheet
560Kb / 6P
   DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. B
AD558 AD-AD558_15 Datasheet
839Kb / 8P
   DACPORT LOW COST COMPLETE P COMPATIBLE 8 BIT DAC
REV. A
AD557JNZ AD-AD557JNZ Datasheet
560Kb / 6P
   DACPORT Low Cost, Complete 關P-Compatible 8-Bit DAC
REV. B
AD557 AD-AD557 Datasheet
238Kb / 4P
   DACPORT, Low-Cost Complete mP-Compatible 8-Bit DAC
REV. A
AD558 AD-AD558 Datasheet
334Kb / 8P
   DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
REV. A
AD558KNZ AD-AD558KNZ Datasheet
839Kb / 8P
   DACPORT Low Cost, Complete UP-Compatible 8-Bit DAC
REV. A
AD558JPZ AD-AD558JPZ Datasheet
839Kb / 8P
   DACPORT Low Cost, Complete 쨉P-Compatible 8-Bit DAC
REV. A
AD558TD AD-AD558TD Datasheet
839Kb / 8P
   DACPORT Low Cost Complete UP-Compatible 8-Bit DAC
REV. A
AD557 AD-AD557_01 Datasheet
108Kb / 6P
   a DACPORT Low Cost, Complete uP-Compatible 8-Bit DAC
REV. B
AD558 AD-AD558_17 Datasheet
1Mb / 10P
   DACPORT Low Cost Complete P0compatible 8-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com