전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7793BRU 데이터시트(PDF) 3 Page - Analog Devices

부품명 AD7793BRU
상세설명  3-Channel, Low Noise, Low Power, 16-/24-Bit 誇-? ADC with On-Chip In-Amp and Reference
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7793BRU 데이터시트(HTML) 3 Page - Analog Devices

  AD7793BRU Datasheet HTML 1Page - Analog Devices AD7793BRU Datasheet HTML 2Page - Analog Devices AD7793BRU Datasheet HTML 3Page - Analog Devices AD7793BRU Datasheet HTML 4Page - Analog Devices AD7793BRU Datasheet HTML 5Page - Analog Devices AD7793BRU Datasheet HTML 6Page - Analog Devices AD7793BRU Datasheet HTML 7Page - Analog Devices AD7793BRU Datasheet HTML 8Page - Analog Devices AD7793BRU Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
AD7792/AD7793
Rev. B | Page 3 of 32
SPECIFICATIONS
AVDD = 2.7 V to 5.25 V; DVDD = 2.7 V to 5.25 V; GND = 0 V; all specifications TMIN to TMAX, unless otherwise noted.
Table 1.
Parameter
AD7792B/AD7793B1
Unit
Test Conditions/Comments
ADC CHANNEL
Output Update Rate
4.17 to 470
Hz nom
No Missing Codes2
24
Bits min
fADC < 242 Hz, AD7793
16
Bits min
AD7792
Resolution
See Output Noise and Resolution Specifications
Output Noise and Update Rates
See Output Noise and Resolution Specifications
Integral Nonlinearity
±15
ppm of FSR max
Offset Error3
±1
μV typ
Offset Error Drift vs. Temperature4
±10
nV/°C typ
Full-Scale Error3, 5
±10
μV typ
Gain Drift vs. Temperature4
±1
ppm/°C typ
Gain = 1 to 16, external reference
±3
ppm/°C typ
Gain = 32 to 128, external reference
Power Supply Rejection
100
dB min
AIN = 1 V/gain, gain ≥ 4, external reference
ANALOG INPUTS
Differential Input Voltage Ranges
±VREF/Gain
V nom
VREF = REFIN(+)
− REFIN(−) or internal reference,
gain = 1 to 128
Absolute AIN Voltage Limits2
Unbuffered Mode
GND – 30 mV
V min
Gain = 1 or 2
AVDD + 30 mV
V max
Buffered Mode
GND + 100 mV
V min
Gain = 1 or 2
AVDD – 100 mV
V max
In-Amp Active
GND + 300 mV
V min
Gain = 4 to 128
AVDD – 1.1
V max
Common-Mode Voltage, VCM
0.5
V min
VCM = (AIN(+) + AIN(
−))/2, gain = 4 to 128
Analog Input Current
Buffered Mode or In-Amp Active
Average Input Current2
±1
nA max
Gain = 1 or 2, update rate < 100 Hz
±250
pA max
Gain = 4 to 128, update rate < 100 Hz
Average Input Current Drift
±2
pA/°C typ
Unbuffered Mode
Gain = 1 or 2.
Average Input Current
±400
nA/V typ
Input current varies with input voltage
Average Input Current Drift
±50
pA/V/°C typ
Normal Mode Rejection2
Internal Clock
@ 50 Hz, 60 Hz
65
dB min
80 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
@ 50 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, FS[3:0] = 10016
@ 60 Hz
90
dB min
100 dB typ, 60 ± 1 Hz, FS[3:0] = 10006
External Clock
@ 50 Hz, 60 Hz
80
dB min
90 dB typ, 50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
@ 50 Hz
94
dB min
100 dB typ, 50 ± 1 Hz, FS[3:0] = 10016
@ 60 Hz
90
dB min
100 dB typ, 60 ± 1 Hz, FS[3:0] = 10006
Common-Mode Rejection
@ DC
100
dB min
AIN = 1 V/gain, gain ≥ 4
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz, 60 ± 1 Hz, FS[3:0] = 10106
@ 50 Hz, 60 Hz2
100
dB min
50 ± 1 Hz (FS[3:0] = 1001)6, 60 ± 1 Hz
(FS[3:0] = 1000)6


유사한 부품 번호 - AD7793BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7793B AD-AD7793B Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
More results

유사한 설명 - AD7793BRU

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7794 AD-AD7794_07 Datasheet
814Kb / 36P
   6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7799BRUZ-REEL AD-AD7799BRUZ-REEL Datasheet
897Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, 誇-? ADC with On-Chip In-Amp
REV. A
AD7798 AD-AD7798 Datasheet
445Kb / 28P
   3-Channel, Low Noise, Low Power, 16-/24-Bit, ADC with On-Chip In-Amp
REV. B
AD7785 AD-AD7785_17 Datasheet
480Kb / 33P
   3-Channel, Low Noise, Low Power ADC with On-Chip In-Amp and Reference
AD7785 AD-AD7785 Datasheet
635Kb / 32P
   3-Channel, Low Noise, Low Power, 20-Bit ??? ADC with On-Chip In-Amp and Reference
REV. 0
AD7792 AD-AD7792 Datasheet
241Kb / 18P
   Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
REV.PrF 6/04
EVAL-AD7798EB AD-EVAL-AD7798EB Datasheet
520Kb / 7P
   16-Bit Low Power 誇-? ADC (3 Channels)
Rev. Pr A
AD7794 AD-AD7794 Datasheet
260Kb / 21P
   Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
REV.PrE 6/04
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
   4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
   8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com