전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7942BRM 데이터시트(PDF) 5 Page - Analog Devices

부품명 AD7942BRM
상세설명  14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/QFN
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7942BRM 데이터시트(HTML) 5 Page - Analog Devices

  AD7942BRM Datasheet HTML 1Page - Analog Devices AD7942BRM Datasheet HTML 2Page - Analog Devices AD7942BRM Datasheet HTML 3Page - Analog Devices AD7942BRM Datasheet HTML 4Page - Analog Devices AD7942BRM Datasheet HTML 5Page - Analog Devices AD7942BRM Datasheet HTML 6Page - Analog Devices AD7942BRM Datasheet HTML 7Page - Analog Devices AD7942BRM Datasheet HTML 8Page - Analog Devices AD7942BRM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AD7942
Rev. B | Page 5 of
24
TIMING SPECIFICATIONS
VDD = 4.5 V to 5.5 V1, VIO = 2.3 V to 5.5 V or VDD + 0.3 V, whichever is the lowest, unless otherwise stated, TA = −40°C to +85°C.
Table 3.
Parameter
Symbol
Min
Typ
Max
Unit
Conversion Time: CNV Rising Edge to Available Data
tCONV
0.5
2.2
μs
Acquisition Time
tACQ
1.8
μs
Time Between Conversions
tCYC
4
μs
CNV Pulse Width (CS Mode)
tCNVH
10
ns
SCK Period (CS Mode)
tSCK
15
ns
SCK Period (Chain Mode)
tSCK
VIO ≥ 4.5 V
17
ns
VIO ≥ 3 V
18
ns
VIO ≥ 2.7 V
19
ns
VIO ≥ 2.3 V
20
ns
SCK Low Time
tSCKL
7
ns
SCK High Time
tSCKH
7
ns
SCK Falling Edge to Data Remains Valid
tHSDO
5
ns
SCK Falling Edge to Data-Valid Delay
tDSDO
VIO ≥ 4.5 V
14
ns
VIO ≥ 3 V
15
ns
VIO ≥ 2.7 V
16
ns
VIO ≥ 2.3 V
17
ns
CNV or SDI Low to SDO D13 MSB Valid (CS Mode)
tEN
VIO ≥ 4.5 V
15
ns
VIO ≥ 2.7 V
18
ns
VIO ≥ 2.3 V
22
ns
CNV or SDI High or Last SCK Falling Edge to SDO High Impedance (CS Mode)
tDIS
25
ns
SDI Valid Setup Time from CNV Rising Edge (CS Mode)
tSSDICNV
15
ns
SDI Valid Hold Time from CNV Rising Edge (CS Mode)
tHSDICNV
0
ns
SCK Valid Setup Time from CNV Rising Edge (Chain Mode)
tSSCKCNV
5
ns
SCK Valid Hold Time from CNV Rising Edge (Chain Mode)
tHSCKCNV
5
ns
SDI Valid Setup Time from SCK Falling Edge (Chain Mode)
tSSDISCK
3
ns
SDI Valid Hold Time from SCK Falling Edge (Chain Mode)
tHSDISCK
4
ns
SDI High to SDO High (Chain Mode with Busy Indicator)
tDSDOSDI
VIO ≥ 4.5 V
15
ns
VIO ≥ 2.3 V
26
ns
1 See Figure 2 and Figure 3 for load conditions.


유사한 부품 번호 - AD7942BRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7942BRMZ AD-AD7942BRMZ Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
AD7942BRMZ-RL7 AD-AD7942BRMZ-RL7 Datasheet
463Kb / 25P
   Pseudo Differential ADC in MSOP/LFCSP
More results

유사한 설명 - AD7942BRM

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD7942 AD-AD7942_15 Datasheet
383Kb / 24P
   14-Bit, 250 kSPS PulSAR, Pseudo Differential ADC in MSOP/LFCSP
REV. C
AD7685BRM AD-AD7685BRM Datasheet
641Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. B
AD7685BRMZ AD-AD7685BRMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7685ARMZ AD-AD7685ARMZ Datasheet
484Kb / 28P
   16-Bit, 250 kSPS PulSAR ADC in MSOP/QFN
REV. C
AD7687BRMZ AD-AD7687BRMZ Datasheet
469Kb / 28P
   16-Bit, 1.5 LSB INL, 250 kSPS PulSAR??Differential ADC in MSOP/QFN
REV. B
AD7691 AD-AD7691 Datasheet
898Kb / 28P
   18-Bit, 1.5 LSB INL, 250 kSPS PulSAR Differential ADC in MSOP/QFN
REV. 0
AD7691 AD-AD7691_17 Datasheet
921Kb / 29P
   250 kSPS PulSAR Differential ADC in MSOP/LFCSP
AD7685 AD-AD7685 Datasheet
542Kb / 29P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7694 AD-AD7694_17 Datasheet
360Kb / 17P
   16-Bit, 250 kSPS PulSAR ADC in MSOP
AD7683 AD-AD7683 Datasheet
467Kb / 16P
   16-Bit, 100 kSPS PulSAR ADC in MSOP/QFN
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com