전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5206BN50 데이터시트(PDF) 10 Page - Analog Devices

부품명 AD5206BN50
상세설명  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5206BN50 데이터시트(HTML) 10 Page - Analog Devices

Back Button AD5206BN50 Datasheet HTML 6Page - Analog Devices AD5206BN50 Datasheet HTML 7Page - Analog Devices AD5206BN50 Datasheet HTML 8Page - Analog Devices AD5206BN50 Datasheet HTML 9Page - Analog Devices AD5206BN50 Datasheet HTML 10Page - Analog Devices AD5206BN50 Datasheet HTML 11Page - Analog Devices AD5206BN50 Datasheet HTML 12Page - Analog Devices AD5206BN50 Datasheet HTML 13Page - Analog Devices AD5206BN50 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD5204/AD5206
Rev. C | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
120
110
30
70
60
50
40
90
80
100
VDD/VSS = ±2.7V
–3.0
–2.0
–1.0
0
1.0
2.0
3.0
4.0
5.0
6.0
COMMON MODE (V)
VDD/VSS = 5.5V/0V
VDD/VSS = 2.7V/0V
–4
–2
0
50kΩ
100kΩ
10kΩ
VDD = ±2.7V
VSS = –2.7V
VA = 100mV rms
DATA = 0x80
1k
10k
100k
1M
FREQUENCY (Hz)
OP42
VA
Figure 9. Incremental On Resistance of the Wiper vs. Voltage
Figure 12. −3 dB Bandwidth vs. Terminal Resistance,
±2.7 V Dual-Supply Operation
100
1k
10k
100k
FREQUENCY (Hz)
50kΩ
100kΩ
10kΩ
VA
OP42
VB = 0V
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
DATA = 0x80
TA = 25°C
–5.99
–6.09
–6.08
–6.07
–6.06
–6.05
–6.04
–6.03
–6.02
–6.01
–6.00
1k
10k
100k
1M
FREQUENCY (Hz)
0
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
DATA = 0x80
DATA = 0x40
DATA = 0x20
DATA = 0x10
DATA = 0x08
DATA = 0x04
DATA = 0x02
DATA = 0x01
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25°C
VA
OP42
Figure 10. Gain Flatness vs. Frequency
Figure 13. Bandwidth vs. Code, 10 kΩ Version
1k
10k
100k
1M
FREQUENCY (Hz)
0
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
DATA = 0x80
DATA = 0x40
DATA = 0x20
DATA = 0x10
DATA = 0x08
DATA = 0x04
DATA = 0x02
DATA = 0x01
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25°C
VA
OP42
–4
–2
0
50kΩ
100kΩ
10kΩ
1k
10k
100k
1M
FREQUENCY (Hz)
OP42
+1.5V
2.7V
VDD = 2.7V
VSS = 0V
VA = 100mV rms
DATA = 0x80
TA = 25°C
Figure 11. −3 dB Bandwidth vs. Terminal Resistance,
2.7 V Single-Supply Operation
Figure 14. Bandwidth vs. Code, 50 kΩ Version


유사한 부품 번호 - AD5206BN50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5206BN50 AD-AD5206BN50 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results

유사한 설명 - AD5206BN50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com