전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD5206BRU50 데이터시트(PDF) 11 Page - Analog Devices

부품명 AD5206BRU50
상세설명  4-/6-Channel Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD5206BRU50 데이터시트(HTML) 11 Page - Analog Devices

Back Button AD5206BRU50 Datasheet HTML 7Page - Analog Devices AD5206BRU50 Datasheet HTML 8Page - Analog Devices AD5206BRU50 Datasheet HTML 9Page - Analog Devices AD5206BRU50 Datasheet HTML 10Page - Analog Devices AD5206BRU50 Datasheet HTML 11Page - Analog Devices AD5206BRU50 Datasheet HTML 12Page - Analog Devices AD5206BRU50 Datasheet HTML 13Page - Analog Devices AD5206BRU50 Datasheet HTML 14Page - Analog Devices AD5206BRU50 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD5204/AD5206
Rev. C | Page 11 of 20
1k
10k
100k
1M
FREQUENCY (Hz)
0
–60
–54
–48
–42
–36
–30
–24
–18
–12
–6
DATA = 0x80
DATA = 0x40
DATA = 0x20
DATA = 0x10
DATA = 0x08
DATA = 0x04
DATA = 0x02
DATA = 0x01
VDD = +2.7V
VSS = –2.7V
VA = 100mV rms
TA = 25°C
VA
OP42
Figure 15. Bandwidth vs. Code, 100 kΩ Version
123
456
SUPPLY VOLTAGE VDD (V)
DUAL SUPPLY
VSS = 0V
SINGLE SUPPLY
VDD = VSS
2.5
2.0
0
1.5
1.0
0.5
Figure 16. Digital Input Trip Point vs. Supply Voltage
100
0.001
0.01
0.1
1
10
0123456
INCREMENTAL INPUT LOGIC VOLTAGE (V)
ISS AT VDD/VSS = ±2.7V
TA = 25°C
IDD AT VDD/VSS = ±2.7V
IDD AT VDD/VSS = 2.7V/0V
IDD AT VDD/VSS = 5.5V/0V
Figure 17. Supply Current vs. Input Logic Voltage
8
7
6
5
4
3
2
1
0
10k
100k
1M
10M
FREQUENCY (Hz)
IDD, VDD/VSS = 5.5V/0V, DATA = 0x55
ISS, VDD/VSS = ±2.7V, DATA = 0x55
ISS, VDD/VSS = ±2.7V, DATA = 0xFF
IDD, VDD/VSS = 5V/0V, DATA = 0xFF
IDD, VDD/VSS = 2.7V/0V, DATA = 0xFF
IDD, VDD/VSS = ±2.7V/0V, DATA = 0x55
TA = 25°C
Figure 18. Supply Current vs. Clock Frequency
60
0
10
20
30
40
50
10
100
1k
10k
100k
FREQUENCY (Hz)
TA = 25°C
VDD = 5.0V ± 10%
VDD = 3.0V ± 10%
VSS = –3.0V ± 10%
Figure 19. Power Supply Rejection vs. Frequency
1
VDD = +2.7V
VSS = –2.7V
TA = 25°C
RAB = 10kΩ
NONINVERTING TEST CIRCUIT
INVERTING TEST CIRCUIT
0.0001
0.001
0.01
0.1
10
100
1k
10k
100k
FREQUENCY (Hz)
Figure 20. Total Harmonic Distortion Plus Noise vs. Frequency


유사한 부품 번호 - AD5206BRU50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5206BRU50 AD-AD5206BRU50 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
More results

유사한 설명 - AD5206BRU50

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204 Datasheet
173Kb / 11P
   4-/6-Channel Digital Potentiometers
REV. 0
AD5204 AD-AD5204_10 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com