전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI4886DY 데이터시트(PDF) 7 Page - Vishay Siliconix

부품명 SI4886DY
상세설명  N-Channel Reduced Qg, Fast Switching MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4886DY 데이터시트(HTML) 7 Page - Vishay Siliconix

  SI4886DY Datasheet HTML 1Page - Vishay Siliconix SI4886DY Datasheet HTML 2Page - Vishay Siliconix SI4886DY Datasheet HTML 3Page - Vishay Siliconix SI4886DY Datasheet HTML 4Page - Vishay Siliconix SI4886DY Datasheet HTML 5Page - Vishay Siliconix SI4886DY Datasheet HTML 6Page - Vishay Siliconix SI4886DY Datasheet HTML 7Page - Vishay Siliconix SI4886DY Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Application Note 826
Vishay Siliconix
www.vishay.com
Document Number: 72606
22
Revision: 21-Jan-08
RECOMMENDED MINIMUM PADS FOR SO-8
Recommended Minimum Pads
Dimensions in Inches/(mm)
0.172
(4.369)
0.028
(0.711)
0.050
(1.270)
0.022
(0.559)
Return to Index
Return to Index


유사한 부품 번호 - SI4886DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI4886DY VISHAY-SI4886DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 21-Feb-00
More results

유사한 설명 - SI4886DY

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7860DP-T1 VISHAY-SI7860DP-T1 Datasheet
147Kb / 7P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. E, 09-Feb-09
SI4872DY VISHAY-SI4872DY Datasheet
57Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. A, 17-Jul-00
SI4850EY VISHAY-SI4850EY Datasheet
61Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 29-Mar-04
SI6802DQ VISHAY-SI6802DQ Datasheet
59Kb / 4P
   N-Channel, Reduced Qg, Fast Switching MOSFET
Rev. C, 18-Dec-96
logo
DinTek Semiconductor Co...
DTB6035 DINTEK-DTB6035 Datasheet
235Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
logo
Vishay Siliconix
SI4800BDY VISHAY-SI4800BDY Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI4398DY VISHAY-SI4398DY Datasheet
104Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 14-Feb-11
SI4800BDY VISHAY-SI4800BDY_17 Datasheet
185Kb / 8P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI7384DP VISHAY-SI7384DP Datasheet
96Kb / 6P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. C, 03-Mar-08
SI4800BDY-T1 VISHAY-SI4800BDY-T1 Datasheet
252Kb / 9P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. H, 29-Dec-08
SI9422DY VISHAY-SI9422DY Datasheet
53Kb / 4P
   N-Channel Reduced Qg, Fast Switching MOSFET
Rev. D, 23-Nov-98
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com