전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SI7469DP-T1-E3 데이터시트(PDF) 5 Page - Vishay Siliconix

부품명 SI7469DP-T1-E3
상세설명  P-Channel 80-V (D-S) MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI7469DP-T1-E3 데이터시트(HTML) 5 Page - Vishay Siliconix

  SI7469DP-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI7469DP-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI7469DP-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI7469DP-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI7469DP-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI7469DP-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI7469DP-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI7469DP-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI7469DP-T1-E3 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 73438
S09-0271-Rev. C, 16-Feb-09
www.vishay.com
5
Vishay Siliconix
Si7469DP
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
* The power dissipation PD is based on TJ(max) = 150 °C, using junction-to-case thermal resistance, and is more useful in settling the upper
dissipation limit for cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package
limit.
Current Derating*
Single Pulse Avalanche Capability
0
10
20
30
40
50
0
25
50
75
100
125
150
TC - Case Temperature (°C)
Package Limited
100
0.000001
0.0001
0.01
1
10
0.00001
TA - Time In Avalanche (s)
T
A =
L . I
D
BV - V
DD
0.001
Power Derating
0
20
40
60
80
100
25
50
75
100
125
150
T
C - Case Temperature (°C)


유사한 부품 번호 - SI7469DP-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI7469DP VISHAY-SI7469DP Datasheet
107Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI7469DP VISHAY-SI7469DP_V01 Datasheet
307Kb / 13P
   P-Channel 80-V (D-S) MOSFET
01-Jan-2022
More results

유사한 설명 - SI7469DP-T1-E3

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
SI2337DS-T1-GE3 VISHAY-SI2337DS-T1-GE3 Datasheet
209Kb / 10P
   P-Channel 80-V (D-S) MOSFET
Rev. D, 02-Feb-09
SUM110P08-11L VISHAY-SUM110P08-11L Datasheet
232Kb / 4P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 24-Jul-06
logo
Analog Power
AM4481P ANALOGPOWER-AM4481P Datasheet
179Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI3129DV VISHAY-SI3129DV Datasheet
240Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2387DS VISHAY-SI2387DS Datasheet
211Kb / 9P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
SI2337DS VISHAY-SI2337DS Datasheet
202Kb / 3P
   P-Channel 80-V (D-S) MOSFET
Rev. A, 31-Oct-05
logo
Analog Power
AM7483P ANALOGPOWER-AM7483P Datasheet
372Kb / 5P
   P-Channel 80-V (D-S) MOSFET
AM2381P ANALOGPOWER-AM2381P Datasheet
71Kb / 3P
   P-Channel 80-V (D-S) MOSFET
logo
Vishay Siliconix
SI7469DP VISHAY-SI7469DP Datasheet
107Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. B, 30-Jul-07
SI2337DS VISHAY-SI2337DS_08 Datasheet
110Kb / 7P
   P-Channel 80-V (D-S) MOSFET
Rev. C, 30-Jul-07
SI2337DS VISHAY-SI2337DS_V01 Datasheet
226Kb / 10P
   P-Channel 80 V (D-S) MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com