전자부품 데이터시트 검색엔진 |
|
TLZ39F 데이터시트(PDF) 1 Page - Vishay Siliconix |
|
TLZ39F 데이터시트(HTML) 1 Page - Vishay Siliconix |
1 / 8 page TLZ-Series www.vishay.com Vishay Semiconductors Rev. 2.2, 26-Jun-12 1 Document Number: 85635 For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Small Signal Zener Diodes FEATURES • Very sharp reverse characteristic • Low reverse current level • Very high stability •Low noise • High reliability • AEC-Q101 qualified • Material categorization: For definitions of compliance please see www.vishay.com/doc?99912 APPLICATIONS • Voltage stabilization PRIMARY CHARACTERISTICS PARAMETER VALUE UNIT VZ range nom. 2.4 to 56 V Test current IZT 5 to 20 mA VZ specification Pulse current Int. construction Single ORDERING INFORMATION DEVICE NAME ORDERING CODE TAPED UNITS PER REEL MINIMUM ORDER QUANTITY TLZ-series TLZ-series-GS18 10 000 (8 mm tape on 13" reel) 10 000/box TLZ-series TLZ-series-GS08 2500 (8 mm tape on 7" reel) 12 500/box PACKAGE PACKAGE NAME WEIGHT MOLDING COMPOUND FLAMMABILITY RATING MOISTURE SENSITIVITY LEVEL SOLDERING CONDITIONS MiniMELF SOD-80 31 mg - MSL level 1 (according J-STD-020) 260 °C/10 s at terminals ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified) PARAMETER TEST CONDITION SYMBOL VALUE UNIT Power dissipation RthJA 300 K/W Ptot 500 mW Zener current IZ Ptot/VZ mA Junction to ambient air On PC board 50 mm x 50 mm x 1.6 mm RthJA 500 K/W Junction temperature Tj 175 °C Storage temperature range Tstg - 65 to + 175 °C Forward voltage (max.) IF = 200 mA VF 1.5 V |
유사한 부품 번호 - TLZ39F |
|
유사한 설명 - TLZ39F |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |