전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BA78M07 데이터시트(PDF) 3 Page - Rohm

부품명 BA78M07
상세설명  1A Output 78 series Regulators 1A Output 78 series Regulators
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BA78M07 데이터시트(HTML) 3 Page - Rohm

  BA78M07 Datasheet HTML 1Page - Rohm BA78M07 Datasheet HTML 2Page - Rohm BA78M07 Datasheet HTML 3Page - Rohm BA78M07 Datasheet HTML 4Page - Rohm BA78M07 Datasheet HTML 5Page - Rohm BA78M07 Datasheet HTML 6Page - Rohm BA78M07 Datasheet HTML 7Page - Rohm BA78M07 Datasheet HTML 8Page - Rohm BA78M07 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
BA78□□Series,BA78M□□Series
Technical Note
3/12
www.rohm.com
2012.03 - Rev.C
© 2012 ROHM Co., Ltd. All rights reserved.
●Electrical Characteristics BA78M□□CP/FP
(Ta=25℃,Vin=10V(05),11V(06),13V(07),14V(08),15V(09),16V(10),19V(12),23V(15),27V(18),29V(20),33V(24), Io=350mA unless otherwise specified)
Parameter
Symbol
Type
Limit
Unit
Condition
Min
Typ
Max
Output Voltage 1
Vo1
05
4.8
5.0
5.2
V
Io=350mA
06
5.75
6.0
6.25
07
6.7
7.0
7.3
08
7.7
8.0
8.3
09
8.6
9.0
9.4
10
9.6
10.0
10.4
12
11.5
12.0
12.5
15
14.4
15.0
15.6
18
17.3
18.0
18.7
20
19.2
20.0
20.8
24
23.0
24.0
25.0
Output Voltage 2
Vo2
05
4.75
-
5.25
V
Vin=7.5~20V, Io=5mA~350mA
06
5.7
-
6.3
Vin=8.5~21V, Io=5mA~350mA
07
6.65
-
7.35
Vin=9.5~22V, Io=5mA~350mA
08
7.6
-
8.4
Vin=10.5~23V, Io=5mA~350mA
09
8.55
-
9.45
Vin=11.5~24V, Io=5mA~350mA
10
9.5
-
10.5
Vin=12.5~25V, Io=5mA~350mA
12
11.4
-
12.6
Vin=15~27V, Io=5mA~350mA
15
14.25
-
15.75
Vin=17.5~30V, Io=5mA~350mA
18
17.1
-
18.9
Vin=21~33V, Io=5mA~350mA
20
19.0
-
21.0
Vin=23~33V, Io=5mA~350mA
24
22.8
-
25.2
Vin=27~33V, Io=5mA~350mA
Line Regulation 1
Reg.I1
05
-
3
100
mV
Vin=7~25V, Io=200mA
06
-
3
100
Vin=8~25V, Io=200mA
07
-
4
100
Vin=9~25V, Io=200mA
08
-
4
100
Vin=10.5~25V, Io=200mA
09
-
4
100
Vin=11.5~26V, Io=200mA
10
-
5
100
Vin=12.5~28V, Io=200mA
12
-
5
100
Vin=14.5~30V, Io=200mA
15
-
6
100
Vin=17.5~30V, Io=200mA
18
-
7
100
Vin=21~33V, Io=200mA
20
-
8
100
Vin=23~33V, Io=200mA
24
-
10
100
Vin=27~33V, Io=200mA
Line Regulation 2
Reg.I2
05
-
1
50
mV
Vin=8~12V, Io=200mA
06
-
1
50
Vin=9~25V, Io=200mA
07
-
1
50
Vin=10~25V, Io=200mA
08
-
1
50
Vin=11~25V, Io=200mA
09
-
2
50
Vin=12~25V, Io=200mA
10
-
2
50
Vin=14~26V, Io=200mA
12
-
3
50
Vin=16~30V, Io=200mA
15
-
3
50
Vin=20~30V, Io=200mA
18
-
3
50
Vin=24~33V, Io=200mA
20
-
4
50
Vin=24~33V, Io=200mA
24
-
5
50
Vin=28~33V, Io=200mA
Ripple Rejection
R.R.
05
62
78
-
dB
ein=1Vrms, f=120Hz, Io=100mA
06
60
74
-
07
57
71
-
08
56
69
-
09
56
67
-
10
56
66
-
12
55
63
-
15
54
60
-
18
53
58
-
20
53
58
-
24
50
55
-
Temperature
Coefficient of
Output Voltage
Tcvo
05
-
-1.0
-
mV/℃
Io=5mA, Tj=0~125℃
06/07/08/09/10/12
-
-0.5
-
15/18
-
-0.6
-
20/24
-
-0.7
-
Peak Output Current
Io-p
common
-
875
-
mA
Tj=25℃
Dropout Voltage
Vd
common
-
2.0
-
V
Io=500mA


유사한 부품 번호 - BA78M07

제조업체부품명데이터시트상세설명
logo
Rohm
BA78M07 ROHM-BA78M07 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M07 ROHM-BA78M07 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M07 ROHM-BA78M07 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
BA78M07 ROHM-BA78M07 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M07CP ROHM-BA78M07CP Datasheet
361Kb / 6P
   Three-Terminal Regulator
More results

유사한 설명 - BA78M07

제조업체부품명데이터시트상세설명
logo
Rohm
BA78 ROHM-BA78 Datasheet
391Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7812FP-E2 ROHM-BA7812FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7806FP-E2 ROHM-BA7806FP-E2 Datasheet
495Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17805FP-E2 ROHM-BA17805FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA17812FP-E2 ROHM-BA17812FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7810CP-E2 ROHM-BA7810CP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA7805FP-E2 ROHM-BA7805FP-E2 Datasheet
505Kb / 15P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA178M05FP-E2 ROHM-BA178M05FP-E2 Datasheet
347Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M05FP-E2 ROHM-BA78M05FP-E2 Datasheet
373Kb / 13P
   1A Output 78 series Regulators 500mA Output 78 series Regulators
BA78M12FP-E2 ROHM-BA78M12FP-E2 Datasheet
495Kb / 15P
   500mA Output 78 series Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com