전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD1P50 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQD1P50
상세설명  500V P-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD1P50 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQD1P50 Datasheet HTML 1Page - Fairchild Semiconductor FQD1P50 Datasheet HTML 2Page - Fairchild Semiconductor FQD1P50 Datasheet HTML 3Page - Fairchild Semiconductor FQD1P50 Datasheet HTML 4Page - Fairchild Semiconductor FQD1P50 Datasheet HTML 5Page - Fairchild Semiconductor FQD1P50 Datasheet HTML 6Page - Fairchild Semiconductor FQD1P50 Datasheet HTML 7Page - Fairchild Semiconductor FQD1P50 Datasheet HTML 8Page - Fairchild Semiconductor FQD1P50 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2000 Fairchild Semiconductor International
December 2000
Rev. A2, December 2000
QFET
QFET
QFET
QFETTM
FQD1P50 / FQU1P50
500V P-Channel MOSFET
General Description
These P-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology is especially tailored to minimize
on-state
resistance,
provide
superior
switching
performance, and withstand a high energy pulse in the
avalanche and commutation modes. These devices are
well suited for electronic lamp ballasts based on the
complementary half bridge topology.
Features
• -1.2A, -500V, RDS(on) = 10.5Ω @VGS = -10 V
• Low gate charge ( typical 11 nC)
• Low Crss ( typical 6.0 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD1P50 / FQU1P50
Units
VDSS
Drain-Source Voltage
-500
V
ID
Drain Current
- Continuous (TC = 25°C)
-1.2
A
- Continuous (TC = 100°C)
-0.76
A
IDM
Drain Current
- Pulsed
(Note 1)
-4.8
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
110
mJ
IAR
Avalanche Current
(Note 1)
-1.2
A
EAR
Repetitive Avalanche Energy
(Note 1)
3.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-4.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
38
W
- Derate above 25°C
0.3
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8” from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
3.29
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
I-PAK
FQU Series
D-PAK
FQD Series
G
S
D
G
S
D
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G


유사한 부품 번호 - FQD1P50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD1P50 FAIRCHILD-FQD1P50 Datasheet
696Kb / 9P
   500V P-Channel MOSFET
FQD1P50TF FAIRCHILD-FQD1P50TF Datasheet
696Kb / 9P
   500V P-Channel MOSFET
More results

유사한 설명 - FQD1P50

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD3P50TM FAIRCHILD-FQD3P50TM Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQD1P50TF FAIRCHILD-FQD1P50TF Datasheet
696Kb / 9P
   500V P-Channel MOSFET
FQB1P50 FAIRCHILD-FQB1P50 Datasheet
571Kb / 9P
   500V P-Channel MOSFET
FQB3P50 FAIRCHILD-FQB3P50 Datasheet
645Kb / 9P
   500V P-Channel MOSFET
FQB3P50TM FAIRCHILD-FQB3P50TM Datasheet
651Kb / 9P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50_09 Datasheet
766Kb / 9P
   500V P-Channel MOSFET
FQPF3P50 FAIRCHILD-FQPF3P50 Datasheet
620Kb / 8P
   500V P-Channel MOSFET
FQD3P50 FAIRCHILD-FQD3P50 Datasheet
638Kb / 9P
   500V P-Channel MOSFET
FQPF1P50 FAIRCHILD-FQPF1P50 Datasheet
564Kb / 8P
   500V P-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD1P50 KERSEMI-KSMD1P50 Datasheet
1Mb / 8P
   500V P-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com