전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AHC244PW 데이터시트(PDF) 8 Page - NXP Semiconductors

부품명 74AHC244PW
상세설명  Octal buffer/line driver; 3-state
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NXP [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo NXP - NXP Semiconductors

74AHC244PW 데이터시트(HTML) 8 Page - NXP Semiconductors

Back Button 74AHC244PW Datasheet HTML 4Page - NXP Semiconductors 74AHC244PW Datasheet HTML 5Page - NXP Semiconductors 74AHC244PW Datasheet HTML 6Page - NXP Semiconductors 74AHC244PW Datasheet HTML 7Page - NXP Semiconductors 74AHC244PW Datasheet HTML 8Page - NXP Semiconductors 74AHC244PW Datasheet HTML 9Page - NXP Semiconductors 74AHC244PW Datasheet HTML 10Page - NXP Semiconductors 74AHC244PW Datasheet HTML 11Page - NXP Semiconductors 74AHC244PW Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
74AHC_AHCT244_5
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 05 — 20 December 2007
8 of 16
NXP Semiconductors
74AHC244; 74AHCT244
Octal buffer/line driver; 3-state
[1]
Typical values are measured at nominal supply voltage (VCC = 3.3 V and VCC = 5.0 V).
[2]
tpd is the same as tPLH and tPHL.
ten is the same as tPZL and tPZH.
tdis is the same as tPLZ and tPHZ.
[3]
CPD is used to determine the dynamic power dissipation PD (µW).
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in Volts.
11. Waveforms
For type 74AHCT244
tpd
propagation
delay
nAn to nYn; see Figure 6
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
7.4
1.0
8.5
1.0
9.5
ns
CL = 50 pF
-
5.0
8.4
1.0
9.5
1.0
10.5
ns
ten
enable time
nOE to nYn; see Figure 7
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
3.5
10.4
1.0
12.0
1.0
13.0
ns
CL = 50 pF
-
5.5
11.4
1.0
13.0
1.0
14.5
ns
tdis
disable time
nOE to nYn; see Figure 7
[2]
VCC = 4.5 V to 5.5 V
CL = 15 pF
-
5.0
9.4
1.0
10.0
1.0
12.0
ns
CL = 50 pF
-
7.0
11.4
1.0
13.0
1.0
14.5
ns
CPD
power
dissipation
capacitance
per buffer;
CL =50pF;f=1 MHz;
VI = GND to VCC
[3]
-12
-
-
-
-
-
pF
Table 7.
Dynamic characteristics …continued
GND = 0 V. For test circuit see Figure 8.
Symbol Parameter
Conditions
25
°C
−40 °C to +85 °C −40 °C to +125 °C Unit
Min
Typ[1] Max
Min
Max
Min
Max
Measurement points are given in Table 8.
VOL and VOH are typical voltage output levels that occur with the output load.
Fig 6.
Propagation delay input (nAn) to output (nYn)
mna171
nAn input
nYn output
tPLH
tPHL
GND
VI
VM
VM
VM
VM
VOH
VOL


유사한 부품 번호 - 74AHC244PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC244PW PHILIPS-74AHC244PW Datasheet
80Kb / 16P
   Octal buffer/line driver; 3-state
1999 Sep 28
74AHC244PW NXP-74AHC244PW Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 05-20 December 2007
logo
Nexperia B.V. All right...
74AHC244PW NEXPERIA-74AHC244PW Datasheet
264Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 6 - 2 July 2020
74AHC244PW-Q100 NEXPERIA-74AHC244PW-Q100 Datasheet
824Kb / 17P
   Octal buffer/line driver; 3-state
logo
NXP Semiconductors
74AHC244PWDH PHILIPS-74AHC244PWDH Datasheet
80Kb / 16P
   Octal buffer/line driver; 3-state
1999 Sep 28
More results

유사한 설명 - 74AHC244PW

제조업체부품명데이터시트상세설명
logo
NXP Semiconductors
74AHC541 PHILIPS-74AHC541 Datasheet
81Kb / 16P
   Octal buffer/line driver; 3-state
1999 Nov 24
74HC541D-T NXP-74HC541D-T Datasheet
55Kb / 7P
   Octal buffer/line driver; 3-state
December 1990
74VHC_VHCT541 PHILIPS-74VHC_VHCT541_15 Datasheet
103Kb / 16P
   Octal buffer/line driver; 3-state
Rev. 01-12 August 2009
74HC_HCT244 PHILIPS-74HC_HCT244_15 Datasheet
145Kb / 18P
   Octal buffer/line driver; 3-state
Rev. 4-24 September 2012
74LVC244APW-T NXP-74LVC244APW-T Datasheet
150Kb / 19P
   Octal buffer/line driver; 3-state
Rev. 8-26 June 2013
logo
Nexperia B.V. All right...
74AHCV244A NEXPERIA-74AHCV244A Datasheet
202Kb / 15P
   Octal buffer/line driver 3-state
74HC244-Q100 NEXPERIA-74HC244-Q100 Datasheet
249Kb / 15P
   Octal buffer/line driver; 3-state
74VHC244 NEXPERIA-74VHC244 Datasheet
608Kb / 16P
   Octal buffer/line driver; 3-state
74VHC541-Q100 NEXPERIA-74VHC541-Q100 Datasheet
714Kb / 17P
   Octal buffer/line driver; 3-state
74HC541-Q100 NEXPERIA-74HC541-Q100 Datasheet
742Kb / 17P
   Octal buffer/line driver; 3-state
74AHC541-Q100 NEXPERIA-74AHC541-Q100 Datasheet
717Kb / 17P
   Octal buffer/line driver; 3-state
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com