전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD2N100 데이터시트(PDF) 1 Page - Fairchild Semiconductor

부품명 FQD2N100
상세설명  1000V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N100 데이터시트(HTML) 1 Page - Fairchild Semiconductor

  FQD2N100 Datasheet HTML 1Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 2Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 3Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 4Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 5Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 6Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 7Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 8Page - Fairchild Semiconductor FQD2N100 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
©2002 Fairchild Semiconductor Corporation
February 2002
Rev. A, February 2002
FQD2N100/FQU2N100
1000V N-Channel MOSFET
General Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary,
planar stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pulse in the
avalanche and commutation mode. These devices are well
suited for electronic lamp starter and ballast.
Features
• 1.6A, 1000V, RDS(on) = 9Ω @VGS = 10 V
• Low gate charge ( typical 12 nC)
• Low Crss ( typical 5 pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD2N100/FQU2N100
Units
VDSS
Drain-Source Voltage
1000
V
ID
Drain Current
- Continuous (TC = 25°C)
1.6
A
- Continuous (TC = 100°C)
1.0
A
IDM
Drain Current
- Pulsed
(Note 1)
6.4
A
VGSS
Gate-Source Voltage
± 30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
160
mJ
IAR
Avalanche Current
(Note 1)
1.6
A
EAR
Repetitive Avalanche Energy
(Note 1)
5.0
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
5.5
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
50
W
- Derate above 25°C
0.4
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
Typ
Max
Units
RθJC
Thermal Resistance, Junction-to-Case
--
2.5
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient *
--
50
°C/W
RθJA
Thermal Resistance, Junction-to-Ambient
--
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
!
S
D
G
I-PAK
FQU Series
D-PAK
FQD Series
GS
D
GS
D


유사한 부품 번호 - FQD2N100

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
FQD2N100 FAIRCHILD-FQD2N100 Datasheet
2Mb / 9P
   N-Channel QFET짰 MOSFET
logo
Inchange Semiconductor ...
FQD2N100 ISC-FQD2N100 Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
More results

유사한 설명 - FQD2N100

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQD2N100TM FAIRCHILD-FQD2N100TM Datasheet
736Kb / 9P
   1000V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSMD2N100 KERSEMI-KSMD2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
KSMU2N100 KERSEMI-KSMU2N100 Datasheet
1Mb / 8P
   1000V N-Channel MOSFET
logo
Fairchild Semiconductor
FQA8N100C FAIRCHILD-FQA8N100C Datasheet
693Kb / 8P
   1000V N-Channel MOSFET
FQH8N100C FAIRCHILD-FQH8N100C Datasheet
998Kb / 8P
   1000V N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AOK5N100 AOSMD-AOK5N100 Datasheet
294Kb / 5P
   1000V,4A N-Channel MOSFET
AOD2N100 AOSMD-AOD2N100 Datasheet
2Mb / 6P
   1000V,2A N-Channel MOSFET
AOT5N100 AOSMD-AOT5N100 Datasheet
344Kb / 6P
   1000V,4A N-Channel MOSFET
logo
SHIKUES Electronics
SK02N100T SKTECHNOLGY-SK02N100T Datasheet
1Mb / 5P
   1000V, 2A N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com