전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD2N40 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQD2N40
상세설명  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD2N40 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQD2N40 Datasheet HTML 1Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 2Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 3Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 4Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 5Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 6Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 7Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 8Page - Fairchild Semiconductor FQD2N40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)*#+,-./.Ω, 0 
,1-2//-2µ .3.0 
"  !"  //µ 4%(%(  5
6 %   7   # 


 





C)
 C>) 
)+()4+6,(µ'
&((


)
∆C)
5∆
C>) 
 
4+6,(µ'* 6,7

( &

)57
4
D;) 
)+&(())+()


%
µ'
)+26()+%6,7


%(
µ'
4
;C/>
)+2())+()


%((
'
4
;C/>*!
)+2())+()


%((
'
 
)
; ) 
)+)4+6,(µ'
2 (

, (
)
*
  
* 
)+%()4+( E'

& ,
, -

   
)+,()4+( E'

( 8E


 

4  
)+6,))+()
+% (F#


%%,
%,(


  

6(
2(


*!  

2
&

   

 
)+6(()4+% -'
*+6,Ω


E
6,


*

2(
E(


 

E
6,


 

6,
:(

G
 ;
)+26()4+% -'
)+%()


& (
, ,

G
; 

% %


G
;

6 %


     
4
B 


% &
'
4
B9  


, :
'
)
 ) 
)+()4+% &'


% ,
)

*!* !
)+()4+% -'
45+%(('5µ

%:(


G
*!* !

( &

µ


유사한 부품 번호 - FQD2N40

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQD2N40 ISC-FQD2N40 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
More results

유사한 설명 - FQD2N40

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQD3N40 FAIRCHILD-FQD3N40 Datasheet
717Kb / 9P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com