전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HCPL-2300-000E 데이터시트(PDF) 1 Page - AVAGO TECHNOLOGIES LIMITED

부품명 HCPL-2300-000E
상세설명  8 MBd Low Input Current Optocoupler
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AVAGO [AVAGO TECHNOLOGIES LIMITED]
홈페이지  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-2300-000E 데이터시트(HTML) 1 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-2300-000E Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300-000E Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-2300-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
8
7
6
1
3
5
2
4
NC
ANODE
CATHODE
NC
VCC
RL
VOUT
GND
Functional Diagram
A 0.1 pF bypass capacitor must be connected between pins 5 and 8.
HCPL-2300, HCPL-0300
8 MBd Low Input Current Optocoupler
Data Sheet
Description
The HCPL-2300/HCPL-0300 optocoupler combines
an 820 nm AlGaAs photon emitting diode with an
integrated high gain photon detector. This combina-tion
of Avago designed and manufactured semiconductor
devices brings new high performance capabilities to
designers of isolated logic and data communication cir-
cuits.
The new low current, high speed AlGaAs emitter manu-
factured with a unique diffused junction, has the virtue
of fast rise and fall times at low drive currents. Figure 6 il-
lustrates the propagation delay vs. input current charac-
teristic. These unique characteristics enable this device
to be used in an RS-232-C interface with ground loop iso-
lation and improved common mode rejection. As a line
receiver, the HCPL-2300/HCPL-0300 will operate over
longer line lengths for a given data rate because of lower
I
F and VF specifications.
Features
• Guaranteed low thresholds: I
F = 0.5 mA, VF ≤ 1.5 V
• High speed: guaranteed 5MBd over temperature
• Versatile: compatible with TTL, LSTTL and CMOS
• Efficient 820 nm AlGaAs LED
• Internal shield for guaranteed common mode
rejection
• Schottky clamped, open collector output with
optional integrated pull-up resistor
• Static and dynamic performance guaranteed from
-40°C to 85°C
• Safety approval
– UL recognized -3750 V rms for 1 minute
– CSA approved
– IEC/EN/DIN EN60747-5-5 approved with
V
IORM = 630 V peak (Option 060)
Applications
• Ground loop elimination
• Computer-peripheral interfaces
• Level shifting
• Microprocessor system interfaces
• Digital isolation for A/D, D/A conversion
• RS-232-C interface
• High speed, long distance isolated line receiver
CAUTION: It is advised that normal static precautions be taken in handling and assembly
of this component to prevent damage and/or degradation which may be induced by ESD.
Lead (Pb) Free
RoHS 6 fully
compliant
RoHS 6 fully compliant options available;
-xxxE denotes a lead-free product


유사한 부품 번호 - HCPL-2300-000E

제조업체부품명데이터시트상세설명
logo
Agilent(Hewlett-Packard...
HCPL-2300-060 HP-HCPL-2300-060 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
More results

유사한 설명 - HCPL-2300-000E

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-500E AVAGO-HCPL-2300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-0300-500E AVAGO-HCPL-0300-500E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-0300 HP-HCPL-0300 Datasheet
513Kb / 12P
   8 MBd Low Input Current Optocoupler
HCPL-2300 HP-HCPL-2300 Datasheet
269Kb / 12P
   8 MBd Low Input Current Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2300-360E AVAGO-HCPL-2300-360E Datasheet
328Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300 Datasheet
300Kb / 14P
   8 MBd Low Input Current Optocoupler
HCPL-2300 AVAGO-HCPL-2300_13 Datasheet
277Kb / 14P
   8 MBd Low Input Current Optocoupler
logo
Infineon Technologies A...
SFH6943 INFINEON-SFH6943 Datasheet
397Kb / 3P
   Low Current Input Mini Optocoupler
March 4, 2000-23
logo
List of Unclassifed Man...
OLI400 ETC1-OLI400 Datasheet
35Kb / 3P
   Miniature Low Input-Current Optocoupler
logo
Siemens Semiconductor G...
SFH6941 SIEMENS-SFH6941 Datasheet
36Kb / 3P
   LOW CURRENT INPUT MINI OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com