전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FQD3N40 데이터시트(PDF) 2 Page - Fairchild Semiconductor

부품명 FQD3N40
상세설명  400V N-Channel MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD3N40 데이터시트(HTML) 2 Page - Fairchild Semiconductor

  FQD3N40 Datasheet HTML 1Page - Fairchild Semiconductor FQD3N40 Datasheet HTML 2Page - Fairchild Semiconductor FQD3N40 Datasheet HTML 3Page - Fairchild Semiconductor FQD3N40 Datasheet HTML 4Page - Fairchild Semiconductor FQD3N40 Datasheet HTML 5Page - Fairchild Semiconductor FQD3N40 Datasheet HTML 6Page - Fairchild Semiconductor FQD3N40 Datasheet HTML 7Page - Fairchild Semiconductor FQD3N40 Datasheet HTML 8Page - Fairchild Semiconductor FQD3N40 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
  
 
 
 
 
 
   
    

    !" # $%#&##'( # 
)#*+,-.,.Ω, / 
+-0,,-0µ .1./ 
"  !"  ,,µ 2%(%(  3
4 %   5   # 


 





C)
 C=) 
)+&)4+%6&µ'
(&&


)
∆C)
5∆
C=) 
 
4+%6&µ'* %67

& (

)57
4
D:) 
)+(&&))+&)


.
µ'
)+,%&)+.%67


.&
µ'
4
:C/=
)+,&))+&)


.&&
'
4
:C/=*!
)+,&))+&)


.&&
'
 
)
: ) 
)+)4+%6&µ'
, &

6 &
)
*
  
* 
)+.&)4+. &'

% 1
, (

   
)+6&)4+. &'

. 66


 

4  
)+%6))+&)
+. &E#


.9&
%,&


  

,6
(6


*!  

( %
1

   

 
)+%&&)4+% 6'
*+%6Ω


F
%6


*

(&
F&


 

.&
,&


 

%6
1&

G
 :
)+,%&)4+% 6'
)+.&)


1 &
B 6

G
: 

. 1


G
:

% 9


     
4
A 


% &
'
4
A8  


9 &
'
)
 ) 
)+&)4+% &'


. 6
)

*!* !
)+&)4+% 6'
45+.&&'5µ

.B&


G
*!* !

& 1(

µ


유사한 부품 번호 - FQD3N40

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
FQD3N40 ISC-FQD3N40 Datasheet
305Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-08
logo
List of Unclassifed Man...
FQD3N40TM ETC2-FQD3N40TM Datasheet
236Kb / 2P
   TO252-3L, JEDEC OPTION AA, PACKING CONFIGURATION Figure 1.0
More results

유사한 설명 - FQD3N40

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FQB6N40C FAIRCHILD-FQB6N40C Datasheet
663Kb / 9P
   400V N-Channel MOSFET
FQA17N40 FAIRCHILD-FQA17N40 Datasheet
730Kb / 8P
   400V N-CHANNEL MOSFET
FQP6N40CF FAIRCHILD-FQP6N40CF_12 Datasheet
1Mb / 10P
   400V N-Channel MOSFET
logo
SemiHow Co.,Ltd.
HFS11N40 SEMIHOW-HFS11N40 Datasheet
786Kb / 7P
   400V N-Channel MOSFET
logo
Fairchild Semiconductor
FQAF11N40 FAIRCHILD-FQAF11N40 Datasheet
698Kb / 8P
   400V N-Channel MOSFET
FQAF17N40 FAIRCHILD-FQAF17N40 Datasheet
707Kb / 8P
   400V N-Channel MOSFET
FQPF5N40 FAIRCHILD-FQPF5N40 Datasheet
728Kb / 8P
   400V N-Channel MOSFET
FQP3N40 FAIRCHILD-FQP3N40 Datasheet
716Kb / 8P
   400V N-Channel MOSFET
FQL50N40 FAIRCHILD-FQL50N40 Datasheet
798Kb / 8P
   400V N-Channel MOSFET
IRF740B FAIRCHILD-IRF740B Datasheet
894Kb / 10P
   400V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com