전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAP1188-1-CP-TR 데이터시트(PDF) 11 Page - Microchip Technology

부품명 CAP1188-1-CP-TR
상세설명  8 Channel Capacitive Touch Sensor with 8 LED Drivers
Download  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MICROCHIP [Microchip Technology]
홈페이지  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1188-1-CP-TR 데이터시트(HTML) 11 Page - Microchip Technology

Back Button CAP1188-1-CP-TR Datasheet HTML 7Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 8Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 9Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 10Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 11Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 12Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 13Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 14Page - Microchip Technology CAP1188-1-CP-TR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 93 page
background image
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Datasheet
SMSC CAP1188
11
Revision 1.32 (01-05-12)
DATASHEET
APPLICATION NOTE: When the ALERT# pin is configured as an active low output, it will be open drain. When it
is configured as an active high output, it will be push-pull.
11
LED7
Open drain LED 7 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 7 driver
DO
leave open or
connect to
Ground
12
LED8
Open drain LED 8 driver (default)
OD (5V)
Connect to
Ground
Push-pull LED 8 driver
DO
leave open or
connect to
Ground
13
ALERT# /
BC_IRQ#
ALERT# - Active low alert / interrupt output for
SMBus alert or SPI interrupt - requires pull-up
resistor (default)
OD (5V)
Connect to
Ground
ALERT - Active high push-pull alert / interrupt
output for SMBus alert or SPI interrupt
DO
leave open
BC_IRQ# - Active low interrupt / optional for BC-
Link - requires pull-up resistor
OD (5V)
Connect to
Ground
BC_IRQ - Active high push-pull interrupt / optional
for BC-Link
DO
leave open
14
ADDR_COMM
Address / communications select pin - pull-down
resistor determines address / communications
mechanism
AI
n/a
15
CS8
Capacitive Touch Sensor Input 8
AIO
Connect to
Ground
16
CS7
Capacitive Touch Sensor Input 7
AIO
Connect to GND
17
CS6
Capacitive Touch Sensor Input 6
AIO
Connect to GND
18
CS5
Capacitive Touch Sensor Input 5
AIO
Connect to GND
19
CS4
Capacitive Touch Sensor Input 4
AIO
Connect to GND
20
CS3
Capacitive Touch Sensor Input 3
AIO
Connect to GND
21
CS2
Capacitive Touch Sensor Input 2
AIO
Connect to GND
22
CS1
Capacitive Touch Sensor Input 1
AIO
Connect to GND
23
VDD
Positive Power supply
Power
n/a
24
RESET
Active high soft reset for system - resets all
registers to default values.
DI (5V)
Connect to GND
Bottom
Pad
GND
Ground
Power
n/a
Table 1.1 Pin Description for CAP1188 (continued)
PIN #
PIN NAME
PIN FUNCTION
PIN TYPE
UNUSED
CONNECTION


유사한 부품 번호 - CAP1188-1-CP-TR

제조업체부품명데이터시트상세설명
logo
Microchip Technology
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
More results

유사한 설명 - CAP1188-1-CP-TR

제조업체부품명데이터시트상세설명
logo
Microchip Technology
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
logo
SMSC Corporation
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Microchip Technology
CAP1133 MICROCHIP-CAP1133 Datasheet
931Kb / 63P
   3 Channel Capacitive Touch Sensor with 3 LED Drivers
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com